Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1475CS8-3.3 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1475CS8-3.3
Description  Low Quiescent Current High Efficiency Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1475CS8-3.3 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1475CS8-3.3 Datasheet HTML 5Page - Linear Technology LTC1475CS8-3.3 Datasheet HTML 6Page - Linear Technology LTC1475CS8-3.3 Datasheet HTML 7Page - Linear Technology LTC1475CS8-3.3 Datasheet HTML 8Page - Linear Technology LTC1475CS8-3.3 Datasheet HTML 9Page - Linear Technology LTC1475CS8-3.3 Datasheet HTML 10Page - Linear Technology LTC1475CS8-3.3 Datasheet HTML 11Page - Linear Technology LTC1475CS8-3.3 Datasheet HTML 12Page - Linear Technology LTC1475CS8-3.3 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1474/LTC1475
APPLICATIONS INFORMATION
CIN and COUT Selection
At higher load currents, when the inductor current is
continuous, the source current of the P-channel MOSFET
is a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum
capacitor current is given by:
C
VV
V
V
IN
OUT
IN
OUT
IN
Required I
=
I
RMS
MAX
−
()
[]12/
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that capacitor manufacturer’s
ripple current ratings are often based on 2000 hours of life.
This makes it advisable to further derate the capacitor, or
to choose a capacitor rated at a higher temperature than
required. Do not underspecify this component. An addi-
tional 0.1
µF ceramic capacitor is also required on VIN for
high frequency decoupling.
The selection of COUT is driven by the required effective
series resistance (ESR) to meet the output voltage ripple
and line regulation requirements. The output voltage ripple
during a burst cycle is dominated by the output capacitor
ESR and can be estimated from the following relation:
25mV <
∆VOUT, RIPPLE = ∆IL • ESR
where
∆IL≤ IPEAK and the lower limit of 25mV is due to the
voltage comparator hysteresis. Line regulation can also
vary with COUT ESR in applications with a large input
voltage range and high peak currents.
ESR is a direct function of the volume of the capacitor.
Manufacturers such as Nichicon, AVX and Sprague should
be considered for high performance capacitors. The
OS-CON semiconductor dielectric capacitor available from
SANYO has the lowest ESR for its size at a somewhat
higher price. Typically, once the ESR requirement is satis-
fied, the capacitance is adequate for filtering. For lower
current applications with peak currents less than 50mA,
10
µF ceramic capacitors provide adequate filtering and
are a good choice due to their small size and almost
negligible ESR. AVX and Marcon are good sources for
these capacitors.
In surface mount applications multiple capacitors may
have to be paralleled to meet the ESR or RMS current
handling requirements of the application. Aluminum elec-
trolytic and dry tantalum capacitors are both available in
surface mount configurations. In the case of tantalum, it is
critical that the capacitors are surge tested for use in
switching power supplies. An excellent choice is the AVX
TPS series of surface mount tantalums, available in case
heights ranging from 2mm to 4mm. Other capacitor types
include SANYO OS-CON, Nichicon PL series and Sprague
595D series. Consult the manufacturer for other specific
recommendations.
To avoid overheating, the output capacitor must be sized
to handle the ripple current generated by the inductor. The
worst-case ripple current in the output capacitor is given
by:
IRMS = IPEAK/2
Once the ESR requirement for COUT has been met, the
RMS current rating generally far exceeds the IRIPPLE(P-P)
requirement.
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting efficiency and which change would produce the
most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, three main sources usually account for most of the
losses in LTC1474/LTC1475 circuits: VIN current, I2R
losses and catch diode losses.
1. The VIN current is due to two components: the DC bias
current and the internal P-channel switch gate charge
current. The DC bias current is 9
µA at no load and
increases proportionally with load up to a constant
100
µA during continuous mode. This bias current is so



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com