Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2950 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2950
Description  150mA Ultra Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2950 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2950 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS2950
150mA Ultra Low Dropout Voltage Regulator
2/10
Version: F14
Electrical Characteristics (VIN=VOUT +1V, TA=25
oC, unless otherwise specified.)
Parameter
Test Conditions (note 2)
Min
Typ
Max
Unit
Output Voltage
TJ=25
oC
|0.985|
5.0
3.3
3.0
|1.015|
V
Full Operating temp
|0.980|
|1.020|
100µA
≤ I
L
≤100mA
|0.975|
|1.025|
Output Voltage Temperature
Coefficient
(Note 1)
--
50
150
ppm/
oC
--
20
100
Line Regulation (Note 3)
6V
≤ V
IN
≤30V (Note 4)
--
0.04
0.2
%
Load Regulation (Note 3)
100µA
≤ I
L
≤100mA
--
0.1
0.3
%
Dropout Voltage (Note 5)
IL=100µA
IL=100mA
--
50
380
80
450
mV
mV
Ground Current
IL=100uA
IL=100mA
--
75
8
120
12
µA
mA
Dropout Ground Current
VIN= 4.5V, IL= 100µA
--
110
170
µA
Current Limit
VOUT= 0
--
160
250
mA
Thermal Regulation
--
0.05
0.2
%W
Output Noise, 10Hz to 100KHz
CL= 1µF
CL= 200µF
CL= 3.3µF
--
--
--
430
160
100
--
--
--
µV/
rms
Note 1: Output voltage temperature coefficients defined as the worst case voltage change divided by the total
temperature range.
Note 2: Unless otherwise specified all limits guaranteed for Tj= 25
oC, Vin= 6V, I
L= 100µA and CL= 100µF.
Note 3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 4: line regulation is guaranteed by design to 0.2%.
Note 5: Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV
below its nominal value measured at 1V differential at very low value of programmed output voltage, the minimum
input supply voltage of 2V (2.3V over temperature) must be taken in to account.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com