Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2483 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2483
Description  16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2483_15 Datasheet HTML 17Page - Linear Technology LTC2483_15 Datasheet HTML 18Page - Linear Technology LTC2483_15 Datasheet HTML 19Page - Linear Technology LTC2483_15 Datasheet HTML 20Page - Linear Technology LTC2483_15 Datasheet HTML 21Page - Linear Technology LTC2483_15 Datasheet HTML 22Page - Linear Technology LTC2483_15 Datasheet HTML 23Page - Linear Technology LTC2483_15 Datasheet HTML 24Page - Linear Technology LTC2483_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTC2483

2483fc
In addition to this gain error, the converter INL per-
formance is degraded by the reference source imped-
ance. The INL is caused by the input dependent terms
–VIN2/(VREF • REQ) – (0.5 • VREF • DT)/REQ in the reference
pin current as expressed in Figure 7. When using internal
oscillator, every 100Ω of reference source resistance
translates into about 0.61ppm additional INL error. When
CA0/F0 is driven by an external oscillator with a frequency
fEOSC, every 100Ω of source resistance driving REF+ or
REF– translates into about 2.18 • 10–6 • fEOSCppm ad-
ditional INL error. Figure 15 shows the typical INL error
due to the source resistance driving the REF+ or REF– pins
when large CREF values are used. The user is advised to
minimize the source impedance driving the REF+ and
REF– pins.
In applications where the reference and input common
mode voltages are different, extra errors are introduced.
For every 1V of the reference and input common mode
voltage difference (VREFCM – VINCM) and a 5V reference,
each ohm of reference source resistance introduces an
extra (VREFCM – VINCM)/(VREF • REQ) full-scale gain error,
which is 0.067ppm when using internal oscillator. If an
applicaTions inFormaTion
external clock is used, the corresponding extra gain error
is 0.24 • 10–6 • fEOSCppm.
The magnitude of the dynamic reference current depends
uponthesizeoftheverystableinternalsamplingcapacitors
andupontheaccuracyoftheconvertersamplingclock.The
accuracy of the internal clock over the entire temperature
andpowersupplyrangeistypicallybetterthan0.5%.Such
a specification can also be easily achieved by an external
clock. When relatively stable resistors (50ppm/°C) are
used for the external source impedance seen by REF+
and REF–, the expected drift of the dynamic current gain
error will be insignificant (about 1% of its value over the
entire temperature and voltage range). Even for the most
stringent applications a one-time calibration operation
may be sufficient.
In addition to the reference sampling charge, the refer-
ence pins ESD protection diodes have a temperature de-
pendent leakage current. This leakage current, nominally
1nA (±10nA max), results in a small gain error. A 100Ω
source resistance will create a 0.05µV typical and 0.5µV
maximum full-scale error.
Figure 15. INL vs Differential Input Voltage and
Reference Source Resistance for CREF > 1µF
VIN/VREF (V)
–0.5
2
6
10
0.3
2483 F15
–2
–6
0
4
8
–4
–8
–10
–0.3
–0.1
0.1
0.5
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
CREF = 10µF
R = 1k
R = 100
R = 500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com