Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9015 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9015
Description  300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9015 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9015 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9015 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9015 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9015 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9015 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS9015
300mA CMOS LDO
0.9V Adjustable Voltage with Enable Function
2/5
Version: D08
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
+2.0 ~ +7
V
Enable Input Voltage
VCE
Gnd-0.3 ~ VIN +0.3
V
Output Current
IO
500
mA
Power Dissipation @ TA ≦25
oC
PD
400
mW
Thermal Resistance
Ө
JA
140
oC/W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
10
S
Notes 1: Stress above the listed absolute rating may cause permanent damage to the device.
Notes 2: ӨJA is measured with the PCB copper area of approximately 1 in
2(multi-layer)
Electrical Characteristics (Vin=Vout +2V, Ta = 25
oC, unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input Voltage
VIN
(Note 1)
2.0
--
7
V
Dropout Voltage
VDROP
IO =300mA
VO =VO(NOM) -
2.0%
1.0V< VO(NOM ≤2.0V
--
650
1000
mV
2.0V< VO(NOM ≤2.8V
--
450
700
2.8V< VO(NOM
--
300
500
Output Current
IO
VO >0.96*Vrating
300
--
--
mA
Current Limit
ILIM
--
500
--
mA
Ground Pin Current
IGND
IO =1mA to 150mA
--
50
85
uA
Line Regulation
REGLINE
IO =1mA
VIN= VO +1 to VO +2
VO < 2.0V
--
--
0.1
%
VO ≥ 2.0V
--
--
0.15
%
Load Regulation
REGLOAD
IO =10mA to 300mA
--
0.2
1
%
Over Temp. Shutdown
OTS
--
125
--
oC
Over Temp. Hysterisis
OTH
--
30
--
oC
Power Supply Rejection
PSRR
IO =200mA
CO=2.2mF
f=100Hz
--
60
--
dB
f=1kHz
--
50
--
f=10kHz
--
35
--
Output Voltage Noise
eN
f=10Hz to 100kHz,
IO =10mA
CO =2.2nF
--
30
--
uVrms
ADJ Input Bias Current
IADJ
--
1
--
uA
ADJ Reference Voltage
VREF
0.87
0.9
0.918
V
EN Input Threshold
VEH
IO =10mA
1.6
--
VIN
V
VEL
IO =10mA
0
--
0.4
V
EN Input Bias Current
IEH
VEN= VIN, VIN =2.5V to 7V
--
--
0.1
uA
IEL
VEN =0V, VIN =2.5V to 7V
--
--
1
uA
Note 1: VIN(MIN)=VOUT+VDROPOUT
Note 2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage
must be applied before a current source load is applied.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com