Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9013 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9013
Description  500mA Low Quiescent Current CMOS LDO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9013 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9013 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9013 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9013 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9013 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9013 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS9013
500mA Low Quiescent Current CMOS LDO
2/5
Version: G13
Electrical Characteristics (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
VIN=Vo + 1V,
Io =1mA,
TS90135
4.90
5.0
5.10
V
TS9013S
3.23
3.3
3.36
TS9013K
2.45
2.5
2.55
TS9013D
1.76
1.8
1.83
VIN=Vo + 1V,
Io =1mA ~ 500mA
TS90135
4.85
5.0
5.10
V
TS9013S
3.20
3.3
3.36
TS9013K
2.42
2.5
2.55
TS9013D
1.74
1.8
1.83
Maximum Output Current
VIN=Vo+1V,
500
--
--
mA
Input Stability
VO+1V
≤ Vin ≤ V
O+2V, Io=1mA
--
0.2
0.3
%
Load Regulation (Note1)
VIN=Vo+1V,
1mA
≤ IL ≤ 500mA
TS90135
--
40
80
mV
TS9013S
VIN=Vo+1V,
1mA
≤ IL ≤ 500mA
TS9013K
--
40
90
TS9013D
Dropout Voltage (Note 2)
Io=300mA
TS90135
--
300
500
mV
TS9013S
Io=500mA
TS90135
--
500
600
TS9013S
Io=500mA
TS9013K
--
600
850
TS9013D
Quiescent Current
VIN=Vo+1V, Io=0A
--
15
25
uA
Output Current Limit
VOUT < 0.4V
550
--
--
mA
Power Supply Rejection
Ratio
At f=100KHz, Io=10mA
--
30
--
dB
Output Voltage Temperature
Coefficient (Note 3)
--
100
--
ppm/
oC
Note 1: Regulation is measured at constant junction temperature, using pulsed ON time.
Note 2: Dropout is measured at constant junction temperature, using pulsed ON time, and the criterion is VOUT
inside target value +/-3%.
Ordering information
Voltage
SOT-223
SOT-89
1.8V
TS9013DCW RP
TS9013DCW RPG
TS9013DCY RM
TS9013DCY RMG
2.5V
TS9013KCW RP
TS9013KCW RPG
TS9013KCY RM
TS9013KCY RMG
3.3V
TS9013SCW RP
TS9013SCW RPG
TS9013SCY RM
TS9013SCY RMG
5V
TS90135CW RP
TS90135CW RPG
Packing code information
Packing
RP: 2.5kpcs / 13"Reel
RPG: 2.5kpcs / 13"Reel
RM: 1kpcs / 7" Reel
RMG: 1kpcs / 7" Reel
“G” denotes for Halogen Free



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com