Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19450CSRLG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19450CSRLG
Description  AC/DC WLED Driver with External MOSFET Universal High Brightness
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19450CSRLG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19450CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TS19450
Taiwan Semiconductor
Document Number: DS_P0000187
2
Version: B15
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
(Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Input Voltage Range
VIN to GND
-0.5 ~ +470
V
Internal Regulated Voltage
VDD to GND
13.5
V
CS, LD, PWMD, Gate, RT to GND
-0.3 ~ (VDD+0.3)
V
Continuous Power Dissipation
(Note 2)
PD
630
mW
Storage Temperature Range
TA
-65 to +150
oC
Junction Temperature Range
TJ
-40 to +150
oC
THERMAL PERFORMANCE (Note 3)
PARAMETER
SYMBOL
LIMIT
UNIT
Thermal Resistance
– Junction to Ambient
RθJA
128
oC/W
ELECTRICAL SPECIFICATIONS (T
A= 25
oC, V
IN= 12V, unless otherwise noted)
(Note 4)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Input
DC Input Voltage Range
VINDC
DC input voltage
8.0
--
450
V
Shut-down Mode Supply Current
IINSD
Pin PWMD to GND
--
0.5
1.0
mA
Internal Regulator
Internally Regulated Voltage
VDD
VIN=8V, IDD(EXT)=0,
500pF at Gate,
RT=226kΩ
7.25
7.5
7.75
V
Line Regulation of VDD
∆V
DDLine
VIN=8~450V, IDD(EXT)=0
500pF at Gate,
RT=226kΩ
0
--
1.0
V
Load Regulation of VDD
∆V
DDLoad
IDD(EXT)= 0 ~ 1mA
500pF at Gate,
RT=226kΩ, PWMD=VDD
0
--
100
mV
Undervoltage Lockout Threshold
UVLO
VIN rising
6.45
6.7
6.95
V
Undervoltage Lockout
Hysteresis
∆UVLO
VIN falling
--
500
--
mV
VDD current available for
external circuitry
(Note 5)
VDD (EXT)
VIN=8V~100V
--
--
1.0
mA
Dimming
PWMD Input Low Voltage
VENL
VIN=8V~450V
--
--
1.0
V
PWMD Input High Voltage
VENH
VIN=8V~450V
2.4
--
--
V
PWMD Pull-down resistance at
PWMD
REN
VPWMD=5V
50
100
150
kΩ
Linear Dimming pin Voltage
VLD
VIN=12V
0
--
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com