Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1540C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1540C
Description  Nanopower Comparator with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1540C Datasheet(HTML) 2 Page - Linear Technology

  LTC1540C Datasheet HTML 1Page - Linear Technology LTC1540C Datasheet HTML 2Page - Linear Technology LTC1540C Datasheet HTML 3Page - Linear Technology LTC1540C Datasheet HTML 4Page - Linear Technology LTC1540C Datasheet HTML 5Page - Linear Technology LTC1540C Datasheet HTML 6Page - Linear Technology LTC1540C Datasheet HTML 7Page - Linear Technology LTC1540C Datasheet HTML 8Page - Linear Technology LTC1540C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1540
Voltage
V + to V –, V + to GND, GND to V – ...........12V to – 0.3V
IN +, IN –, HYST ................. (V + + 0.3V) to (V – – 0.3V)
REF ................................... (V + + 0.3V) to (V – – 0.3V)
OUT ............................... (V + + 0.3V) to (GND – 0.3V)
Current
IN +, IN –, HYST ................................................. 20mA
REF ................................................................... 20mA
OUT .................................................................. 50mA
ABSOLUTE MAXIMUM RATINGS
OUT Short-Circuit Duration (V +
≤ 5.5V) ...... Continuous
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1540C............................................... 0
°C to 70°C
LTC1540I ............................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
LTC1540CMS8
MS8 PART MARKING
Consult factory for Military grade parts.
V + = 5V, V – = GND = 0V, TA = 25°C unless otherwise noted.
ELECTRICAL CHARACTERISTICS
TJMAX = 125°C, θJA = 175°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
OUT
V +
REF
HYST
GND
V –
IN +
IN –
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
GND
V–
IN+
IN–
8
7
6
5
OUT
V+
REF
HYST
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 250°C/ W
ORDER PART
NUMBER
S8 PART MARKING
ORDER PART
NUMBER
LTCE
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V +
Supply Voltage Range
q
2.0
11.0
V
ICC
Supply Current
IN + = IN – = 80mV, HYST = REF, C-Grade
q
0.3
0.68
µA
IN + = IN – = 80mV, HYST = REF, I-Grade
q
0.71
µA
Comparator
VOS
Comparator Input Offset Voltage
VCM = 2.5V
±12
mV
q
±15
mV
LTC1540CMS8
q
±16
mV
IIN
Input Leakage Current (IN +, IN –)VIN
+ = VIN– = 2.5V
q
±0.01
±1.0
nA
Input Leakage Current (HYST)
q
±0.02
±1.0
nA
VCM
Comparator Input Common Mode Range
q
V –
V + – 1.3V
V
CMRR
Common Mode Rejection Ratio
V – to V + – 1.3V
0.1
1
mV/V
PSRR
Power Supply Rejection Ratio
V + = 2V to 11V
0.1
1
mV/V
VHYST
Hysteresis Input Voltage Range
q
REF – 50mV
REF
V
tPD
Propagation Delay
COUT = 100pF
Overdrive = 10mV
60
µs
Overdrive = 100mV
50
µs
VOH
Output High Voltage
IO = – 13mA
q
V + – 0.4V
V
VOL
Output Low Voltage
IO = 1.8mA
q
GND + 0.4V
V
LTC1540CS8
LTC1540IS8
1540
1540I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com