Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSI-405 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # CSI-405
Description  Violet Laser Pointer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CSI-405 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  CSI-405 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16.08.2010
csi_405.doc
1 of 1
CSI-405
Violet Laser Pointer
Wavelength : 405 nm
Available Laser Power : 5 mW, 10 mW, 20 mW, 50 mW
Operation Mode : cw, TEM00
Power Stability (rms, over 2 hours) : <10%
Warm-up Time : 1 minute
Point Stability After Warm-up : <0.05 mrad
Beam Divergence (1/e², full angle) : < 1 mrad
Beam Diameter At The Aperature : < 2 mm
Operating Temperature : 15°C – 30°C
Dimensions : Dia. 14 mm x 160 mm
Input Voltage : 3 VDC
Switch : Push Switch
Power Supply : 2 x AAA batteries
Expected Operating Lifetime : > 5.000 hours


Similar Part No. - CSI-405

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CSI-RGFB-100-UFFR LINX-CSI-RGFB-100-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
CSI-RGFB-100-UFFR-B LINX-CSI-RGFB-100-UFFR-B Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
CSI-RGFB-200-UFFR LINX-CSI-RGFB-200-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
CSI-RGFB-200-UFFR-B LINX-CSI-RGFB-200-UFFR-B Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
CSI-RGFB-300-UFFR LINX-CSI-RGFB-300-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
More results

Similar Description - CSI-405

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GLP-405 ROITHNER-GLP-405 Datasheet
69Kb / 1P
Violet LASER POINTER
ROITHNER450 ROITHNER-ROITHNER450 Datasheet
382Kb / 2P
Blue Laser Pointer
ROITHNER635 ROITHNER-ROITHNER635 Datasheet
381Kb / 2P
Red Laser Pointer
logo
Sensortechnics GmbH
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
Laser Pointer
LD65D5S-A SENSORTECHNICS-LD65D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD65D7S-A SENSORTECHNICS-LD65D7S-A Datasheet
1Mb / 4P
Laser Pointer
logo
Roithner LaserTechnik G...
RLTPGL-405 ROITHNER-RLTPGL-405 Datasheet
71Kb / 1P
VIOLET LASER POINTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com