Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLP-405 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # GLP-405
Description  Violet LASER POINTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GLP-405 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  GLP-405 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16.08.2010
glp_405_5-20mw.doc
1 of 1
GLP-405 / 5 - 20mW
Violet LASER POINTER
AT 405nm
GLP-405 is the first blue-violet laser pointer in the world. It is
novel, unique and amazing. The pointer can be used for
pointing, fluorescence exciting, Raman spectrum,
biomedicine, laser light show, etc
Specifications
Wavelength (nm)
405 ±5
Output power (mW)
5, 10, 20
Transverse mode
Near Round
Beam divergence, full angle (mrad)
<0.5
Beam size at 10 meters distance (mm)
~6
Switch
Push button
Surface color
Black
Range in darkness (m)
1,000~2,000
Power supply
2x CR2/3V lithium battery
Operating lifetime (hours)
5000
Warranty time
6 months


Similar Part No. - GLP-405

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GLP-447 ROITHNER-GLP-447 Datasheet
68Kb / 2P
Portable Blue Diode Laserpointer
GLP-473 ROITHNER-GLP-473 Datasheet
142Kb / 2P
BLUE DIODE PUMPED SPOLID STATE LASER POINTER
More results

Similar Description - GLP-405

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CSI-405 ROITHNER-CSI-405 Datasheet
36Kb / 1P
Violet Laser Pointer
ROITHNER450 ROITHNER-ROITHNER450 Datasheet
382Kb / 2P
Blue Laser Pointer
ROITHNER635 ROITHNER-ROITHNER635 Datasheet
381Kb / 2P
Red Laser Pointer
logo
Sensortechnics GmbH
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
Laser Pointer
LD65D5S-A SENSORTECHNICS-LD65D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD65D7S-A SENSORTECHNICS-LD65D7S-A Datasheet
1Mb / 4P
Laser Pointer
logo
Roithner LaserTechnik G...
RLTPGL-405 ROITHNER-RLTPGL-405 Datasheet
71Kb / 1P
VIOLET LASER POINTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com