Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1546 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1546
Description  Software-Selectable Multiprotocol Transceiver with Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1546 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1546 Datasheet HTML 9Page - Linear Technology LTC1546 Datasheet HTML 10Page - Linear Technology LTC1546 Datasheet HTML 11Page - Linear Technology LTC1546 Datasheet HTML 12Page - Linear Technology LTC1546 Datasheet HTML 13Page - Linear Technology LTC1546 Datasheet HTML 14Page - Linear Technology LTC1546 Datasheet HTML 15Page - Linear Technology LTC1546 Datasheet HTML 16Page - Linear Technology LTC1546 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1546
V.35 Interface
A typical V.35 balanced interface is shown in Figure 26. A
V.35 differential generator with outputs A and B and
ground C is connected to a differential receiver with input
A
' connected to A, input B' connected to B, and ground C'
connected via the signal return to ground C. The V.35
interface requires a T or delta network termination at the
receiver end and the generator end. The receiver differen-
tial impedance measured at the connector must be
100
Ω ±10Ω, and the impedance between shorted termi-
nals (A
' and B') and ground (C') must be 150
Ω ±15Ω.
In V.35 mode, both switches S1 and S2 inside the LTC1546
are on, connecting a T network impedance as shown in
Figure 27. The 30k input impedance of the receiver is
placed in parallel with the T network termination, but does
not affect the overall input impedance significantly.
The generator differential impedance must be 50
Ω to
150
Ω and the impedance between shorted terminals (A
and B) and ground (C) must be 150
Ω ±15Ω.
No-Cable Mode
The no-cable mode (M0 = M1 = M2 = 1) is intended for
the case when the cable is disconnected from the con-
nector. The charge pump, bias circuitry, drivers and
receivers are turned off, the driver outputs are forced into
a high impedance state, and the supply current drops to
less than 200
µA. Note that the LTC1546’s R2 and R3
receivers continue to be terminated by a 103
Ω differen-
tial impedance.
Charge Pump
The LTC1546 uses an internal capacitive charge pump to
generate VDD and VEE as shown in Figure 28. A voltage
doubler generates about 8V on VDD and a voltage inverter
generates about – 7.5V on VEE. Four 1µF surface mounted
tantalum or ceramic capacitors are required for C1, C2, C3
and C4. The VEE capacitor C5 should be a minimum of
3.3
µF.Allcapacitorsare16Vandshouldbeplacedasclose
as possible to the LTC1546 to reduce EMI.
Figure 28. Charge Pump
Figure 27. V.35 Receiver Configuration
Figure 26. Typical V.35 Interface
A
A
'
B
C
B
'
C
'
GENERATOR
BALANCED
INTERCONNECTING
CABLE
LOAD
CABLE
TERMINATION
RECEIVER
1546 F26
50
Ω
125
Ω
50
Ω
50
Ω
125
Ω
50
Ω
R3
124
Ω
R5
20k
LTC1546
RECEIVER
1546 F27
A
'
B
'
C
'
R1
51.5
Ω
R8
6k
S2
S3
R2
51.5
Ω
R6
10k
R7
10k
GND
R4
20k
S1
28
27
26
25
1546 F28
3
2
1
4
C3
1
µF
C4
1
µF
5V
C1
1
µF
C2
1
µF
C5
3.3
µF
LTC1546
VDD
C1+
C1–
VCC
C2+
C2–
VEE
GND
Receiver Fail-Safe
All LTC1546/LTC1544 receivers feature fail-safe opera-
tion in all modes. If the receiver inputs are left floating or
are shorted together by a termination resistor, the receiver
output will always be forced to a logic high.
DTE vs DCE Operation
The DCE/DTE pin acts as an enable for Driver 3/Receiver
1 in the LTC1546, and Driver 3/Receiver 1 and Driver 4/
Receiver 4 in the LTC1544. The INVERT pin in the LTC1544
allows the Driver 4/Receiver 4 enable to be high or low true
polarity.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com