Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1542CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1542CS8
Description  Micropower Op Amp, Comparator and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1542CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1542CS8 Datasheet HTML 1Page - Linear Technology LTC1542CS8 Datasheet HTML 2Page - Linear Technology LTC1542CS8 Datasheet HTML 3Page - Linear Technology LTC1542CS8 Datasheet HTML 4Page - Linear Technology LTC1542CS8 Datasheet HTML 5Page - Linear Technology LTC1542CS8 Datasheet HTML 6Page - Linear Technology LTC1542CS8 Datasheet HTML 7Page - Linear Technology LTC1542CS8 Datasheet HTML 8Page - Linear Technology LTC1542CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1541/LTC1542
ELECTRICAL CHARACTERISTICS V
CC = 5V, VSS = 0V, TA = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IIN
Input Leakage Current (Note 4)
q
0.01
1
nA
VCM
Input Common Mode Range
q
VSS
VCC – 1.3V
V
CMRR
Common Mode Rejection Ratio
VCM = VSS to (VCC – 1.3V) (LTC1542)
0.25
mV/V
Commercial Grade
q
0.30
mV/V
Industrial Grade
q
0.35
mV/V
PSRR
Power Supply Rejection Ratio
VCC = 3V to 12V
0.25
mV/V
Commercial Grade (SO-8)
q
0.30
mV/V
Industrial Grade (SO-8)
q
0.35
mV/V
tPD
Propagation Delay
Overdrive = 10mV
20
µs
Overdrive = 100mV
8
µs
VOH
Output High Voltage
IOUT = – 2mA
q
VCC – 0.2V
V
VOL
Output Low Voltage
IOUT = 1.8mA
q
VSS + 0.3V
V
Reference (LTC1541 Only)
VREF
Reference Voltage
No Load (SO-8)
1.195
1.200
1.205
V
Commercial Grade (SO-8)
q
1.190
1.210
V
Industrial Grade (SO-8)
q
1.188
1.212
V
No Load (MSOP)
1.190
1.200
1.210
V
q
1.185
1.215
V
∆VREF
Load Regulation
ISOURCE = 2mA
q
26
mV
ISINK = 10µA
0.2
1.5
mV
q
5mV
en
Voltage Noise
0.1Hz to 10Hz
16
µVP-P
Op Amp
VOS
Input Offset Voltage
VCM = 2.5V (SO-8)
0.7
mV
Commercial Grade (SO-8)
q
1.25
mV
Industrial Grade (SO-8)
q
1.65
mV
VCM = 2.5V (MSOP)
1.00
mV
q
1.75
mV
IB
Input Bias Current
VCM = 2.5V
q
0.01
1
nA
AVOL
Large-Signal Gain
AMPOUT = 0.5V to 4.5V, No Load
80
1000
V/mV
AMPOUT = 0.5V to 4.5V, RLOAD = 100k
60
500
V/mV
Commercial Grade
q
38
V/mV
Industrial Grade
q
35
V/mV
GBW
Gain Bandwidth
AV = 1V/V
12
kHz
SR
Slew Rate
AV = 1V/V
8
V/ms
VCM
Input Common Mode Range
q
VSS
VCC – 1.3V
V
CMRR
Common Mode Rejection Ratio
VCM = VSS to (VCC – 1.3V)
0.28
mV/V
Commercial Grade
q
0.33
mV/V
Industrial Grade
q
0.38
mV/V
PSRR
Power Supply Rejection Ratio
VCC = 3V to 12V
0.19
mV/V
Commercial Grade
q
0.21
mV/V
Industrial Grade
q
0.23
mV/V
VOH
Output High Voltage
RLOAD = 100k to VSS
VCC – 0.07
V
Commercial Grade
q
VCC – 0.10
V
Industrial Grade
q
VCC – 0.12
V
VOL
Output Low Voltage
RLOAD = 100k to VSS
VSS + 0.05
V
Commercial Grade
q
VSS + 0.10
V
Industrial Grade
q
VSS + 0.12
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com