Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JLP-5G Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # JLP-5G
Description  Laser pointer with green laser
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

JLP-5G Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  JLP-5G Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16.08.2010
jlp_5g.doc
1 of 1
JLP-5G (Green Laser Pointer)
-Laser pointer with green laser.
-Particularly suitable to light backgrounds and very light screens.
-Momentary button with pocket clip
-Comes with two AAA batteries
-Material: Brass
-Operation Temperature: 15 ~ 35°C
SPECIFICATIONS:
Model:
JLP-5G
Output power:
5mW
Wavelength:
532 nm
Dimensions
132 x 13.
2 mm
Weight:
45g (Batteries Excluded)
Operation Voltage:
3 VDC
Output Mode:
CW(continues wave)
Average lop:
<300 mA
Beam Divergence:
< 1.2 mrad
Battery:
2 x “AAA” Alkaline Batteries
Build
Black metal with gold color clip and
closing


Similar Part No. - JLP-5G

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
JLP36000S25 SCHNEIDER-JLP36000S25 Datasheet
134Kb / 2P
AUTOMATIC MOLDED CASE SWITCH 600V 250A
Sep 17, 2020
JLP36200 SCHNEIDER-JLP36200 Datasheet
129Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 200 A, 3P, 50 kA at 600 VAC
Sep 14, 2020
JLP36200SA SCHNEIDER-JLP36200SA Datasheet
130Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 200 A, 3P, 50 kA at 600 VAC
Sep 14, 2020
More results

Similar Description - JLP-5G

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ROITHNER450 ROITHNER-ROITHNER450 Datasheet
382Kb / 2P
Blue Laser Pointer
ROITHNER520 ROITHNER-ROITHNER520 Datasheet
345Kb / 2P
Green Laser Pointer
ROITHNER532 ROITHNER-ROITHNER532 Datasheet
346Kb / 2P
Green DPSS Laser Pointer
S200-5R ROITHNER-S200-5R Datasheet
97Kb / 1P
Laser pointer with green laser
logo
Sensortechnics GmbH
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
Laser Pointer
LD65D5S-A SENSORTECHNICS-LD65D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD65D7S-A SENSORTECHNICS-LD65D7S-A Datasheet
1Mb / 4P
Laser Pointer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com