Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-450 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LP-450
Description  Blue Diode Laser Pointer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LP-450 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LP-450 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LP-450 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
04.12.2012
LP-450 series
1 of 2
LP-450 series
TECHNICAL DATA
Blue Diode Laser Pointer
This high-quality blue laser pointer incorporates the latest technology in blue laser diodes. It
features a push button, LED status indicator and an end cap with switch for safety reason.
Features
• Portable pen style design
• A key switch at the end cap is a safety function to prevent for unintended use
• LED indicator
Specifications
Item
Value
Wavelength
450 nm
Beam Color
blue
Output Power
5, 50 or 100 mW, cw
Laser Class
Class IIIb
Transverse Mode
TE00
M² factor
<1.2
Beam Diameter (at Aperture)
<2.5 mm
Spectral Line width
<0.1 nm
Polarization Ratio
>100:1
Warm-Up Time
<0.5 minutes
Operation Range (in darkness)
100 – 300 m
Operation Voltage
3 VDC
Power Source
2x AAA battery
Operation Temperature
10 – +30 °C
Storage Temperature
-10 – +50 °C
Expected Lifetime
5000 hours
Warranty Period
6 months
Dimension
Ø14 x 171 mm
Weight
90 g (incl. batteries)
Color
black
Note: The above specifications are for reference purpose only and subjected to change without prior notice.
Key Switch
Battery Compartment
Power Switch
LED Indicator


Similar Part No. - LP-450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP-40-1200 ETC-LP-40-1200 Datasheet
181Kb / 1P
For Low Power and Critical Height Applications
logo
Bel Fuse Inc.
LP-40-1200 BEL-LP-40-1200 Datasheet
175Kb / 2P
For Low Power and Critical Height Applications
logo
List of Unclassifed Man...
LP-40-150 ETC-LP-40-150 Datasheet
181Kb / 1P
For Low Power and Critical Height Applications
logo
Bel Fuse Inc.
LP-40-150 BEL-LP-40-150 Datasheet
175Kb / 2P
For Low Power and Critical Height Applications
logo
List of Unclassifed Man...
LP-40-300 ETC-LP-40-300 Datasheet
181Kb / 1P
For Low Power and Critical Height Applications
More results

Similar Description - LP-450

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GLP-473 ROITHNER-GLP-473 Datasheet
142Kb / 2P
BLUE DIODE PUMPED SPOLID STATE LASER POINTER
PIL-808 ROITHNER-PIL-808 Datasheet
101Kb / 2P
Infrared Diode Laser Pointer
PIL-980 ROITHNER-PIL-980 Datasheet
101Kb / 2P
Infrared Diode Laser Pointer
ROITHNER450 ROITHNER-ROITHNER450 Datasheet
382Kb / 2P
Blue Laser Pointer
logo
Sensortechnics GmbH
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
Laser Pointer
LD65D5S-A SENSORTECHNICS-LD65D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD65D7S-A SENSORTECHNICS-LD65D7S-A Datasheet
1Mb / 4P
Laser Pointer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com