Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553CG Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1553CG
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553CG Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1553CG Datasheet HTML 16Page - Linear Technology LTC1553CG Datasheet HTML 17Page - Linear Technology LTC1553CG Datasheet HTML 18Page - Linear Technology LTC1553CG Datasheet HTML 19Page - Linear Technology LTC1553CG Datasheet HTML 20Page - Linear Technology LTC1553CG Datasheet HTML 21Page - Linear Technology LTC1553CG Datasheet HTML 22Page - Linear Technology LTC1553CG Datasheet HTML 23Page - Linear Technology LTC1553CG Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC1553
APPLICATIONS INFORMATION
PWRGD
FAULT
OT
VID0 TO VID4
OUTEN
COMP
SS
SGND
SENSE
Q1*
Q2*
VCC
PVCC
VIN
5V
LO†
2
µH
18A
LTC1553
G1
IFB
G2
0.1
µF
5V
1.8k
1553 F13
CC
0.01
µF
RC
8.2k
5.6k
5.6k
5.6k
CSS
0.1
µF
0.1
µF
0.1
µF
20
Ω
1N5817
10
µF
GND
IMAX
2.7k
CIN**
1200
µF
× 4
vOUT
COUT††
330
µF
× 7
+
+
C1
150pF
+
5
PENTIUM II
SYSTEM
DALE
NTHS-1206N02
MOUNT THERMISTER
IN CLOSE THERMAL
PROXIMITY TO Q1
*SILICONIX SUD50N03-10
**SANYO 10MV1200GX
†COILTRONICS CTX02-13198 OR
PANASONIC 12TS-2R5SP
†† AVX TPSE337M006R0100
Figure 13. Single Supply LTC1553 5V to 1.8V-3.5V Application with Thermal Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com