Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553CSW Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1553CSW
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553CSW Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1553CSW Datasheet HTML 14Page - Linear Technology LTC1553CSW Datasheet HTML 15Page - Linear Technology LTC1553CSW Datasheet HTML 16Page - Linear Technology LTC1553CSW Datasheet HTML 17Page - Linear Technology LTC1553CSW Datasheet HTML 18Page - Linear Technology LTC1553CSW Datasheet HTML 19Page - Linear Technology LTC1553CSW Datasheet HTML 20Page - Linear Technology LTC1553CSW Datasheet HTML 21Page - Linear Technology LTC1553CSW Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC1553
APPLICATIONS INFORMATION
the suggested values slightly because of board layout and
operating condition differences.
An alternate output capacitor is the Sanyo MV-GX series.
Using multiple parallel 1500
µF Sanyo MV-GX capacitors
for the output capacitor, Table 8 shows the suggested
compensation component value for a 5V input application
based on the inductor and output capacitor values.
Table 8. Suggested Compensation Network for 5V Input
Application Using Multiple Paralleled 1500
µF SANYO MV-GX
Output Capacitors
LO (µH)
CO (µF)
RC (kΩ)CC (µF)
C1 (pF)
1
4500
4.3
0.022
270
1
6000
5.6
0.0047
220
1
9000
8.2
0.01
150
2.7
4500
11
0.01
100
2.7
6000
15
0.01
82
2.7
9000
22
0.01
56
5.6
4500
24
0.01
56
5.6
6000
30
0.0047
39
5.6
9000
47
0.0047
27
VID0 to VID4, PWRGD and FAULT
The digital inputs (VID0 to VID4) program the internal DAC
which in turn controls the output voltage. These digital
input controls are intended to be static and are not
designed for high speed switching. Forcing VOUT to step
from a high to a low voltage by changing the VIDn pins
quickly can cause FAULT to trip.
Figure 11 shows the relationship between the VOUT volt-
age, PWRGD and FAULT. To prevent PWRGD from inter-
rupting the CPU unnecessarily, the LTC1553 has a built-in
tPWRBAD delay to prevent noise at the SENSE pin from
toggling PWRGD. The internal time delay is designed to
take about 500
µs for PWRGD to go low and 1ms for it to
recover. Once PWRGD goes low, the internal circuitry
watches for the output voltage to exceed 115% of the rated
voltage. If this happens, FAULT will be triggered. Once
FAULT is triggered, G1 and G2 will be forced low immedi-
ately and the LTC1553 will remain in this state until VCC
power supply is recycled or OUTEN is toggled.
complication of input and/or output filters, unknown
capacitor ESR, and gross operating point changes with
input voltage, load current variations, all suggest a more
practical empirical method. This can be done by injecting
a transient current at the load and using an RC network box
to iterate toward the final compensation values, or by
obtaining the optimum loop response using a network
analyzer to find the actual loop poles and zeros.
Table 6. Suggested Compensation Network for 5V Input
Application Using Multiple Paralleled 330
µF AVX TPS Output
Capacitors
LO (µH)
CO (µF)
RC (kΩ)CC (µF)
C1 (pF)
1
990
1.8
0.022
680
1
1980
3.6
0.01
330
1
4950
9.1
0.01
120
2.7
990
5.1
0.01
220
2.7
1980
10
0.01
120
2.7
4950
24
0.0047
47
5.6
990
10
0.01
120
5.6
1980
20
0.0047
56
5.6
4950
51
0.0036
22
Table 7. Suggested Compensation Network for 12V Input
Application Using Multiple Paralleled 330
µF AVX TPS Output
Capacitors
LO (µH)
CO (µF)
RC (kΩ)CC (µF)
C1 (pF)
1
990
0.82
0.047
1500
1
1980
1.5
0.033
820
1
4950
3.9
0.022
330
2.7
990
2.2
0.033
560
2.7
1980
4.3
0.022
270
2.7
4950
10
0.01
120
5.6
990
4.3
0.022
270
5.6
1980
8.2
0.010
150
5.6
4950
22
0.010
56
Tables 6 and 7 show the suggested compensation com-
ponents for 5V and 12V input applications based on the
inductor and output capacitor values. The values were
calculated using multiple paralleled 330
µF AVX TPS series
surface mount tantalum capacitors as the output capaci-
tor. The optimum component values might deviate from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com