Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIL-980 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # PIL-980
Description  Infrared Diode Laser Pointer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PIL-980 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  PIL-980 Datasheet HTML 1Page - Roithner LaserTechnik GmbH PIL-980 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06.10.2010
PIL-980_5-400mW
2 of 2
Drawing
13.50 x 164 mm, 85 g
Caution:
• DO NOT allow non-professionals to operate the laser!
• DO NOT point the laser at yourself and others, even temproary expose might might lead to
serious harm!
• DO NOT target moving vehicles and airplanes!
• DO NOT randomly aim the laser outside the window!
• Avoid pointing the laser at reflective surfaces (mirror, bright metal)
• Never import a laser that is not allowed by authorities
• Use an infrared detector card to verify the pointer’s working state
• Operation of this laser should take place under supervision of qualified personnel only
• When not in use stow away laser in a safe place



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com