Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1556IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1556IGN
Description  SIM Power Supply and Level Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1556IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC1556IGN Datasheet HTML 1Page - Linear Technology LTC1556IGN Datasheet HTML 2Page - Linear Technology LTC1556IGN Datasheet HTML 3Page - Linear Technology LTC1556IGN Datasheet HTML 4Page - Linear Technology LTC1556IGN Datasheet HTML 5Page - Linear Technology LTC1556IGN Datasheet HTML 6Page - Linear Technology LTC1556IGN Datasheet HTML 7Page - Linear Technology LTC1556IGN Datasheet HTML 8Page - Linear Technology LTC1556IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1555/LTC1556
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
q
2.7
10
V
DVCC Operating Voltage
q
1.8
5.5
V
VIN Operating Current
2.7V
≤ VIN ≤ 5V, VCC = 5V, IVCC = 0
q
60
100
µA
5V < VIN ≤ 10V, VCC = 5V, IVCC = 0
q
75
135
µA
VIN Shutdown Current
M0, M1 = 0V, 2.7V
≤ VIN ≤ 5V
1
µA
M0, M1 = 0V, 2.7V
≤ VIN ≤ 5V
q
2
µA
M0, M1 = 0V, 5V < VIN ≤ 10V
25
µA
DVCC Operating Current
M0, M1 = DVCC, CIN = 1MHz
q
620
µA
DVCC Shutdown Current
M0, M1 = 0V
q
1
µA
VCC Output Voltage
0
≤ IVCC ≤ 10mA, 2.7V ≤ VIN ≤ 10V
0
≤ IVCC ≤ 20mA, 3V ≤ VIN ≤ 10V
M0, M1 = DVCC
q
4.75
5.00
5.25
V
M0 = DVCC, M1 = 0
q
2.80
3.00
3.20
V
M0 = 0, M1 = DVCC
q
VIN – 0.3
VIN
V
VCC Output Ripple
VIN = 3.6V, IVCC = 10mA, VCC = 5V
75
mVP-P
ABSOLUTE MAXIMUM RATINGS
(Note 1)
VIN, DVCC to GND ..................................... –0.3V to 12V
VCC to GND ............................................... –0.3V to 12V
Digital Inputs to GND ................................ – 0.3V to 12V
LDO, CLK, RST, I/O to GND ........ – 0.3V to (VCC + 0.3V)
VCC, LDO Short-Circuit Duration ..................... Indefinite
Storage Temperature Range ................. – 65
°C to 150°C
Temperature Range
LTC1555C/LTC1556C .............................. 0
°C to 70°C
LTC1555I/LTC1556I ........................... – 40
°C to 85°C
Extended Commercial Operating Temperature Range
(Note 2) ............................................. – 40
°C to 85°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
PACKAGE/ORDER INFORMATION
Consult factory for Military grade parts.
ORDER PART
NUMBER
LTC1556CGN
LTC1556IGN
ORDER PART
NUMBER
LTC1555CGN
LTC1555IGN
TJMAX = 150°C, θJA = 135°C/ W
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
CIN
RIN
DATA
DDRV
DVCC
SS
M1
M0
CLK
RST
I/O
VCC
VIN
C1+
C1–
GND
1
2
3
4
5
6
7
8
9
10
TOP VIEW
GN PACKAGE
20-LEAD PLASTIC SSOP
20
19
18
17
16
15
14
13
12
11
CIN
RIN
DATA
DDRV
EN
FB
DVCC
SS
M1
M0
CLK
RST
I/O
LDO
VCC
VIN
C1+
C1–
GND
GND
TJMAX = 150°C, θJA = 95°C/ W
ELECTRICAL CHARACTERISTICS
VIN = 2.7V to 10V, DVCC = 1.8V to 5.5V, controller digital pins tied to DVCC, SIM digital pins floating, EN, FB pins tied to GND
(LTC1556), C1 = 0.1
µF, COUT = 10µF unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com