Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROITHNER450 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # ROITHNER450
Description  Blue Laser Pointer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ROITHNER450 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  ROITHNER450 Datasheet HTML 1Page - Roithner LaserTechnik GmbH ROITHNER450 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
ROITHNER 450
• Blue Laser Pointer
• 450 nm, <5 mW
• Direct emitting laser diode
• Laser Class 3R
Specifications
Parameter
Values
Unit
Min.
Typ.
Max.
Wavelength
440
450
460
nm
Output Power
3
5
mW
Laser Class
3R
Operating Temperature
10
60
°C
Operating Humidity (rel.)
40
70
%
Storage Temperature
-20
60
°C
Body Material
brass, polished chrome finish
Lens Material
PMMA
Weight (incl. batteries)
70
g
Power Source
2 x 1.5 V AAA alkaline batteries
Outline and Components
No.
Function
1
laser beam outlet
2
laser push button (ON/OFF)
3
battery compartment
Description
ROITHNER 450 is a diode laser pointer emitting at typically 450 nm with rated output power of <5 mW,
utilizing a direct emitting 450 nm laser diode. An integrated Automatic Power Control (APC) unit with
direct 450 nm feedback loop ensures excellent output power stability.
ROITHNER 450 features an indicator
LED for safe operation, and is run by 2 x 1.5V AAA alkaline batteries. It comes in a polished chrome metal
housing.
 Transport case and batteries included
v1 02/14
145 mm
1
2
3
-
+
AAA
AAA
-
+


Similar Part No. - ROITHNER450

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ROITHNER520 ROITHNER-ROITHNER520 Datasheet
345Kb / 2P
Green Laser Pointer
ROITHNER532 ROITHNER-ROITHNER532 Datasheet
346Kb / 2P
Green DPSS Laser Pointer
ROITHNER635 ROITHNER-ROITHNER635 Datasheet
381Kb / 2P
Red Laser Pointer
ROITHNER650 ROITHNER-ROITHNER650 Datasheet
381Kb / 2P
Red Laser Pointer
More results

Similar Description - ROITHNER450

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CSI-405 ROITHNER-CSI-405 Datasheet
36Kb / 1P
Violet Laser Pointer
LP-450 ROITHNER-LP-450 Datasheet
78Kb / 2P
Blue Diode Laser Pointer
ROITHNER635 ROITHNER-ROITHNER635 Datasheet
381Kb / 2P
Red Laser Pointer
S200-5R ROITHNER-S200-5R Datasheet
97Kb / 1P
Laser pointer with green laser
logo
Sensortechnics GmbH
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
Laser Pointer
LD65D5S-A SENSORTECHNICS-LD65D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD65D7S-A SENSORTECHNICS-LD65D7S-A Datasheet
1Mb / 4P
Laser Pointer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com