Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROITHNER520 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # ROITHNER520
Description  Green Laser Pointer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ROITHNER520 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  ROITHNER520 Datasheet HTML 1Page - Roithner LaserTechnik GmbH ROITHNER520 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
ROITHNER 520
• Green Laser Pointer
• 520 nm, <5 mW
• Direct emitting laser diode
• Laser Class 3R
Specifications
Parameter
Values
Unit
Min.
Typ.
Max.
Wavelength
515
520
530
nm
Output Power
3
5
mW
Laser Class
3R
Operating Temperature
10
60
°C
Operating Humidity (rel.)
40
70
%
Storage Temperature
-20
60
°C
Body Material
brass, polished chrome finish
Lens Material
PMMA
Weight (incl. batteries)
70
g
Power Source
2 x 1.5 V AAA alkaline batteries
Outline and Components
No.
Function
1
laser beam outlet
2
laser push button (ON/OFF)
3
battery compartment
Description
ROITHNER 520 is a diode laser pointer emitting at typically 520 nm with rated output power of <5 mW,
utilizing a direct emitting 520 nm laser diode. An integrated Automatic Power Control (APC) unit with
direct 520 nm feedback loop ensures excellent output power stability.
ROITHNER 520 features an indicator
LED for safe operation, and is run by 2 x 1.5V AAA alkaline batteries. It comes in a polished chrome metal
housing.
 Transport case and batteries included
v1 02/14
145 mm
1
2
3
-
+
AAA
AAA
-
+


Similar Part No. - ROITHNER520

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ROITHNER532 ROITHNER-ROITHNER532 Datasheet
346Kb / 2P
Green DPSS Laser Pointer
More results

Similar Description - ROITHNER520

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
JLP-5G ROITHNER-JLP-5G Datasheet
93Kb / 1P
Laser pointer with green laser
ROITHNER450 ROITHNER-ROITHNER450 Datasheet
382Kb / 2P
Blue Laser Pointer
ROITHNER532 ROITHNER-ROITHNER532 Datasheet
346Kb / 2P
Green DPSS Laser Pointer
S200-5R ROITHNER-S200-5R Datasheet
97Kb / 1P
Laser pointer with green laser
logo
Sensortechnics GmbH
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
Laser Pointer
LD65D5S-A SENSORTECHNICS-LD65D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD65D7S-A SENSORTECHNICS-LD65D7S-A Datasheet
1Mb / 4P
Laser Pointer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com