Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROITHNER532 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # ROITHNER532
Description  Green DPSS Laser Pointer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ROITHNER532 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  ROITHNER532 Datasheet HTML 1Page - Roithner LaserTechnik GmbH ROITHNER532 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
ROITHNER 532
• Green DPSS Laser Pointer
• 532 nm, <5 mW
• IR Filter
• Laser Class 3R
Specifications
Parameter
Values
Unit
Min.
Typ.
Max.
Wavelength
532
nm
Output Power
3
5
mW
Laser Class
3R
Beam Mode
TEMoo
Operating Temperature
20
30
°C
Operating Humidity (rel.)
40
70
%
Storage Temperature
-20
60
°C
Body Material
brass, polished chrome finish
Lens Material
PMMA
Weight (incl. batteries)
75
g
Power Source
2 x 1.5 V AAA alkaline batteries
Outline and Components
No.
Function
1
laser beam outlet
2
laser push button (ON/OFF)
3
battery compartment
Description
ROITHNER 532 is a diode pumped solid state (DPSS) laser pointer emitting at 532 nm with rated output
power of <5 mW, utilizing a 808 nm pump laser diode with Nd:YVO4 crystal and IR filter. An integrated
Automatic Power Control (APC) unit with direct 532 nm feedback loop ensures excellent output power
stability.
ROITHNER 532 features an indicator LED for safe operation, and is run by 2 x 1.5V AAA alkaline
batteries. It comes in a polished chrome metal housing.
 Transport case and batteries included
v1 02/14
145 mm
1
2
3
-
+
AAA
AAA
-
+


Similar Part No. - ROITHNER532

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ROITHNER520 ROITHNER-ROITHNER520 Datasheet
345Kb / 2P
Green Laser Pointer
More results

Similar Description - ROITHNER532

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
JLP-5G ROITHNER-JLP-5G Datasheet
93Kb / 1P
Laser pointer with green laser
ROITHNER520 ROITHNER-ROITHNER520 Datasheet
345Kb / 2P
Green Laser Pointer
S200-5R ROITHNER-S200-5R Datasheet
97Kb / 1P
Laser pointer with green laser
CW532-001 ROITHNER-CW532-001 Datasheet
481Kb / 3P
Green DPSS Laser Module
CW532-001F ROITHNER-CW532-001F Datasheet
480Kb / 3P
Green DPSS Laser Module
CW532-1-831 ROITHNER-CW532-1-831 Datasheet
449Kb / 3P
Green DPSS Laser Module
CW532-010F ROITHNER-CW532-010F Datasheet
543Kb / 3P
Green DPSS Laser Module
CW532-030 ROITHNER-CW532-030 Datasheet
550Kb / 3P
Green DPSS Laser Module
CW532-050F ROITHNER-CW532-050F Datasheet
543Kb / 3P
Green DPSS Laser Module
CW532HT-5 ROITHNER-CW532HT-5 Datasheet
639Kb / 3P
Green DPSS Laser Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com