Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROITHNER635 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # ROITHNER635
Description  Red Laser Pointer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ROITHNER635 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  ROITHNER635 Datasheet HTML 1Page - Roithner LaserTechnik GmbH ROITHNER635 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
ROITHNER 635
• Red Laser Pointer
• 635 nm, <5 mW
• APC
• Laser Class 3R
Specifications
Parameter
Values
Unit
Min.
Typ.
Max.
Wavelength
630
635
640
nm
Output Power
3
5
mW
Laser Class
3R
Operating Temperature
10
50
°C
Operating Humidity (rel.)
40
70
%
Storage Temperature
-20
60
°C
Body Material
brass, polished chrome finish
Lens Material
PMMA
Weight (incl. batteries)
70
g
Power Source
2 x 1.5 V AAA alkaline batteries
Outline and Components
No.
Function
1
laser beam outlet
2
laser push button (ON/OFF)
3
battery compartment
Description
ROITHNER 635 is a diode laser pointer emitting at typically 635 nm with rated output power of <5 mW. An
integrated Automatic Power Control (APC) circuit ensures excellent output power stability.
ROITHNER
635 features an indicator LED for safe operation, and is run by 2 x 1.5V AAA alkaline batteries. It comes in
a polished chrome metal housing.
 Transport case and batteries included
v1 02/14
145 mm
1
2
3
-
+
AAA
AAA
-
+


Similar Part No. - ROITHNER635

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ROITHNER650 ROITHNER-ROITHNER650 Datasheet
381Kb / 2P
Red Laser Pointer
More results

Similar Description - ROITHNER635

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CSI-405 ROITHNER-CSI-405 Datasheet
36Kb / 1P
Violet Laser Pointer
RCP-650-5 ROITHNER-RCP-650-5 Datasheet
87Kb / 2P
Red Cross Laser Pointer
ROITHNER450 ROITHNER-ROITHNER450 Datasheet
382Kb / 2P
Blue Laser Pointer
ROITHNER650 ROITHNER-ROITHNER650 Datasheet
381Kb / 2P
Red Laser Pointer
logo
Sensortechnics GmbH
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
Laser Pointer
LD65D5S-A SENSORTECHNICS-LD65D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD65D7S-A SENSORTECHNICS-LD65D7S-A Datasheet
1Mb / 4P
Laser Pointer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com