Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1555IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1555IGN
Description  SIM Power Supply and Level Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1555IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1555IGN Datasheet HTML 4Page - Linear Technology LTC1555IGN Datasheet HTML 5Page - Linear Technology LTC1555IGN Datasheet HTML 6Page - Linear Technology LTC1555IGN Datasheet HTML 7Page - Linear Technology LTC1555IGN Datasheet HTML 8Page - Linear Technology LTC1555IGN Datasheet HTML 9Page - Linear Technology LTC1555IGN Datasheet HTML 10Page - Linear Technology LTC1555IGN Datasheet HTML 11Page - Linear Technology LTC1555IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1555/LTC1556
15556f LT/TP 0398 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1514-3.3/LTC1514-5
Regulated Step-Up/Step-Down Charge Pumps with Low Bat Comparator 3.3V and 5V Output Versions
LTC1515 Series
Regulated Step-Up/Step-Down Charge Pumps with Reset Output
Adjustable, 3V/5V, 3.3V/5V Versions
LTC1516
Micropower, Regulated 5V Charge Pump DC/DC Converter
IOUT = 20mA (VIN ≥ 2V), IOUT = 50mA (VIN ≥ 3V)
LTC1517-5
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 Without Shutdown and
Packaged in SOT-23
LTC1522
Micropower, Regulated 5V Charge Pump DC/DC Converter
IOUT = 20mA (VIN ≥ 3V), IQ = 6µA
LTC1550-4.1
Low Noise, Charge Pump Voltage Inverter
1mVP-P Ripple at 900kHz
LTC660
100mA Charge Pump DC/DC Converter
5V to – 5V at 100mA
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CIN
RIN
DATA
DDRV
EN
FB
DVCC
SS
M1
M0
CLK
RST
I/O
VCC
5V
±5%
IVCC ≤ 10mA
CLK
RST
I/O
LDO
VCC
VIN
C1+
C1
GND
GND
0.1
µF
10
µF
LTC1556
3V GSM
CONTROLLER
SIM
VIN
2.7V TO 10V
3V
10
µF
1555/56 TA02
VCC
GND
+
10
µF
4.3V
50mA
AUXILIARY LDO/POWER SWITCH
(FREQUENCY SYNTHESIZER)
+
TYPICAL APPLICATION
SIM Interface with Auxilary Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com