Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR002 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SVR002
Description  LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR002 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SVR002 Datasheet HTML 1Page - Solid States Devices, Inc SVR002 Datasheet HTML 2Page - Solid States Devices, Inc SVR002 Datasheet HTML 3Page - Solid States Devices, Inc SVR002 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
SVR1085-3.3M, Z, D2, & D3
thru
SVR1085-12M, Z, D2, & D3
Electrical Characteristics
SYMBOL
UNITS
MAX
Output Voltage 7/
Line Regulation
(IOUT = 0A)
Load Regulation 6/, 7/
Dropout Voltage 8/
(IOUT = IFULLOAD)
Current Limit
Min. Load Current
Quiescient Current
3.365
3.672
5.100
12.24
6.00
6.00
6.00
6.00
6.00
6.00
25.0
25.0
0.3
0.4
15
20
15
20
20
35
36
72
1.5
1.5
1.5
1.5
1.5
--
--
--
--
--
--
10
10
10
10
10
V
V
V
V
mV
mV
mV
mV
mV
mV
mV
mV
%
%
mV
mV
mV
mV
mV
mV
mV
mV
V
V
V
V
V
A
A
A
A
A
A
A
mA
mA
mA
mA
VOUT
ªVOUT
ªVIN
ªVOUT
ªIOUT
ªV
ILIMIT
ILOAD
IQ
MIN
3.235
3.500
4.900
11.76
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
3.2
0.02
3.2
3.2
3.2
3.2
--
--
--
--
--
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
SVR1085 -_
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
SVR1085 -_
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
SVR1085 -_
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
SVR1085 -_
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
TYP
3.300
3.600
5.000
12.00
0.5
1.0
0.5
1.0
0.5
1.0
1.0
2.0
0.1
0.2
3
7
3
7
5
10
12
24
1.3
1.3
1.3
1.3
1.3
4.0
0.05
4.0
4.0
4.0
4.0
5
5
5
5
5
(0
# IOUT # 5A,
4.5V
# VIN # 15V)
(0
# IOUT # 3A,
5V
# VIN # 15V)
(0
# IOUT # IFULLOAD,
6.5V
# VIN # 20V)
(0
# IOUT # IFULLOAD,
(13.5V
# VIN # 25V)
(4.8V
# VIN # 15V)
(4.8V
# VIN # 15V)
(6.5V
# VIN # 20V)
(13.5V
# VIN # 25V)
(
ªV =3V ,
10mA
#IOUT#IFULLOAD)
(VIN = 5V,
0
# IOUT # 5A)
(VIN = 5V,
0
# IOUT # 3A)
(VIN = 5.25V,
0
# IOUT # IFULLOAD)
(VIN = 8V,
0
# IOUT # IFULLOAD)
(
ªVREF = 15V)
(
ªVREF = 33mV)
(
ªVREF = 36mV)
(
ªVREF = 50mV)
(
ªVREF = 120mV)
(
ªV = 5V)
(
ªV = 25V)
(VIN = 8V)
(VIN = 8V)
(VIN = 10V)
(VIN = 17V)
ªV = 25V
(VIN = 18V)
(VIN = 18V)
(VIN = 20V)
(VIN = 25V)
to
*
*
25
*
25
*
25
*
25
*
25
*
25
*
25
*
25
*
25
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
NOTE:
*
Full Temperature Range



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com