Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS34119CSRL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS34119CSRL
Description  Low Power Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34119CSRL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS34119CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TS34119
Low Power Audio Amplifier
2/12
Version: B13
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Supply Voltage
Vcc
+1 ~ 18V
V
Maximum Input Voltage (FC1, FC2, CD, Vin)
Vin
-1.0 ~ Vcc+1.0
V
Applied Output Voltage to VO1, VO2 when disabled
Vvo
-1.0 ~ Vcc+1.0
V
Maximum Output Current at VO1, VO2
Io
±250
mA
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note: Maximum ratings are those values beyond which damage to the device may occur, functional operation
should be Restricted to the recommended operating conditions.
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Supply Voltage
Vcc
+2 ~ 16V
V
Load Impedance
RL
8 ~ 100
Ω
Peak Load Current
IL
200
mA
Differential Gain (5kHz bandwidth)
AVD
0 ~ 46
dB
Voltage @ CD (pin 1)
VCD
0 ~ Vcc
V
Note: This device contains protection circuitry to guard against damage due to high static voltage or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltage
to this high impedance circuit. For proper operation, Vin and Vout should be constrained to the range Gnd
≤
(Vin or Vout)
≤ Vcc. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either Gnd
or Vcc), unused output must be left open.
Electrical Specifications (VCD=0V, Ta =25
oC; unless otherwise noted.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Amplifiers (AC Characteristics)
AC Input Resistance
Ri
@ Vin
--
>30
--
M
Ω
Open Loop Gain (Amp. #1)
AVOL1
f<100Hz
80
--
--
dB
Closed Loop Gain (Amp. #2)
AV2
Vcc=6V,f=1KHz, RL=32
Ω
-0.35
0
+0.35
dB
Gain Bandwidth Product
GBW
--
1.5
--
MHz
Output Power
Pout
Vcc=3V,RL=16
Ω,THD≤10%
55
--
--
mW
Vcc=6V,RL=32
Ω,THD≤10%
250
--
--
Vcc=12V,RL=100
Ω,THD≤10%
400
--
--
Total
Harmonic
Distortion
(f=1KHz)
THD
Vcc=6V,RL=32
Ω, Po=125mW
--
0.5
1.0
%
Vcc
≥3V,R
L=8
Ω, Po=20mW
--
0.5
--
Vcc
≥12V, R
L=32
Ω,
Po=200mW
--
0.6
--
Power Supply Rejection
(Vcc=6.0V,
∆Vcc=3.0V)
PSRR
C1=
∞, C2=0.01uF
50
--
--
dB
C1=0.1uF, C2=0, f=1KHz
--
12
--
C1=1uF, C2=5uF, f=1KHz
--
52
--
Differential Muting
GMT
Vcc=6V, 1KHz
≤ f ≤ 20KHz,
CD=2V
--
>70
--
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com