Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1563-3IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1563-3IGN
Description  Active RC, 4th Order Lowpass Filter Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1563-3IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1563-3IGN Datasheet HTML 4Page - Linear Technology LTC1563-3IGN Datasheet HTML 5Page - Linear Technology LTC1563-3IGN Datasheet HTML 6Page - Linear Technology LTC1563-3IGN Datasheet HTML 7Page - Linear Technology LTC1563-3IGN Datasheet HTML 8Page - Linear Technology LTC1563-3IGN Datasheet HTML 9Page - Linear Technology LTC1563-3IGN Datasheet HTML 10Page - Linear Technology LTC1563-3IGN Datasheet HTML 11Page - Linear Technology LTC1563-3IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1563-2/LTC1563-3
156323fa
should be much larger than RA1 to minimize the interac-
tion of this pole with the 2nd order section. This circuit is
useful in forming dual 3rd order filters and 5th order filters
with a single LTC1563 part. By cascading two parts, 7th
order and 9th order filters are achieved.
DC GAIN =
LTC1563-2: C1A = 53.9pF, C1B = 39.2pF
LTC1563-3: C1A = 35pF, C1B = 26.8pF
–R2
R1
FP =
1
2
π • R2 • C1
1563 F02
+
–
C1
INV
C2
S
1/2 LTC1563
LP
AGND
R1
(OPEN)
R2
VOUT
VIN
Figure 2
RA1
≈
RB1
10
R2
RB1
RA1
R3
CP
1563 F03
RA1 • RB1
RA1 + RB1
FP =
1
()
2
π •CP
+
–
C1
INV
C2
S
1/2 LTC1563
LP
AGND
+
–
(OPEN)
C1
INV
C2
S
1/2 LTC1563
LP
1563 F04
AGND
You can also use the TEE network in both sections of the
part to make a 6th order filter. This 6th order filter does not
conform exactly to the textbook responses. Textbook
responses (Butterworth, Bessel, Chebyshev etc.) all have
three complex pole pairs. This filter has two complex pole
pairs and two real poles. The textbook response always
has one section with a low Q value between 0.5 and 0.6. By
replacing this low Q section with two real poles (two real
poles are the same mathematically as a complex pole pair
with a Q of 0.5) and tweaking the Q of the other two
complex pole pair sections you end up with a filter that is
indistinguishable from the textbook filter. The Typical
Applications section illustrates a 100kHz, 6th order pseudo-
Butterworth filter. FilterCAD is a valuable tool for custom
filter design and tweaking textbook responses.
Figure 3
What To Do with an Unused Section
If the LTC1563 is used as a 2nd or 3rd order filter, one of
the sections is not used. Do not leave this section uncon-
nected. If the section is left unconnected, the output is left
to float and oscillation may occur. The unused section
should be connected as shown in Figure 4 with the INV pin
connected to the LP pin and the S pin left open.
Figure 4
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com