Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1598 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1598
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1598 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1598 Datasheet HTML 9Page - Linear Technology LTC1598 Datasheet HTML 10Page - Linear Technology LTC1598 Datasheet HTML 11Page - Linear Technology LTC1598 Datasheet HTML 12Page - Linear Technology LTC1598 Datasheet HTML 13Page - Linear Technology LTC1598 Datasheet HTML 14Page - Linear Technology LTC1598 Datasheet HTML 15Page - Linear Technology LTC1598 Datasheet HTML 16Page - Linear Technology LTC1598 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1594/LTC1598
15948fb
APPLICATIONS INFORMATION
Operation with DIN and DOUT Tied Together
The LTC1594/LTC1598 can be operated with DIN and
DOUT tied together. This eliminates one of the lines
required to communicate to the microprocessor (MPU).
Data is transmitted in both directions on a single wire.
The processor pin connected to this data line should be
configurable as either an input or an output. The LTC1594/
LTC1598 will take control of the data line after CS falling
and before the 6th falling CLK while the processor takes
control of the data line when CS is high (see Figure 3).
Therefore the processor port line must be switched to an
input with CS being low to avoid a conflict.
Separate Chip Selects for MUX and ADC
The LTC1594/LTC1598 provide separate chip selects,
CSMUX and CSADC, to control MUX and ADC separately.
This feature not only provides the flexibility to select a
particular channel once for multiple conversions (see
Figure 4) but also maximizes the sample rate up to
20ksps (see Figure 5).
Figure 4. Select Certain Channel Once for Mulitple Conversions
CLK
EN
D1
D2
CSADC
CSMUX
B5
B6
B7
B8
B9
B10
B11
Hi-Z
DOUT
CH0 TO
CH7
DIN
tCONV
Hi-Z
tsuCS
NULL
BIT
D0
B4
B3
B2
B1
B0
tSMPL
tON
B5
B6
B7
B8
B9
B10
B11
Hi-Z
tCONV
tsuCS
NULL
BIT
D0
B4
B3
B2
B1
B0
tSMPL
ADCIN =
MUXOUT
COM = GND
1594 TD01
DON’T CARE
DON’T CARE
1
2
3
456
CS
CLK
DATA (DIN/DOUT)
EN
D2
D1
D0
B11
B10
•••
LTC1594/LTC1598 CONTROLS DATA LINE AND SENDS
A/D RESULT BACK TO MPU
MPU CONTROLS DATA LINE AND SENDS
MUX ADDRESS TO LTC1594/LTC1598
PROCESSOR MUST RELEASE DATA
LINE AFTER CS FALLING AND
BEFORE THE 6TH FALLING CLK
LTC1594/LTC1598 TAKES CONTROL OF DATA
LINE AFTER CS FALLING AND BEFORE THE
6TH FALLING CLK
1594/98 F03
tsuCS
Figure 3. LTC1594/LTC1598 Operation with DIN and DOUT Tied Together



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com