Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1594LCS Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1594LCS
Description  4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594LCS Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1594LCS Datasheet HTML 16Page - Linear Technology LTC1594LCS Datasheet HTML 17Page - Linear Technology LTC1594LCS Datasheet HTML 18Page - Linear Technology LTC1594LCS Datasheet HTML 19Page - Linear Technology LTC1594LCS Datasheet HTML 20Page - Linear Technology LTC1594LCS Datasheet HTML 21Page - Linear Technology LTC1594LCS Datasheet HTML 22Page - Linear Technology LTC1594LCS Datasheet HTML 23Page - Linear Technology LTC1594LCS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC1594L/LTC1598L
TYPICAL APPLICATIONS N
MULTICHANNEL A/D USES A SINGLE
ANTIALIASING FILTER
This circuit demonstrates how the LTC1598L’s indepen-
dent analog multiplexer can simplify design of a 12-bit
data acquisition system. All eight channels are MUXed into
a single 1kHz, 4th order Sallen-Key antialiasing filter,
which is designed for single supply operation. Since the
LTC1598L’s data converter accepts inputs from ground to
the positive supply, rail-to-rail op amps were chosen for
the filter to maximize dynamic range. The LT1368 dual rail-
to-rail op amp is designed to operate with 0.1
µF load
capacitors (C1 and C2). These capacitors provide fre-
quency compensation for the amplifiers and help reduce
the amplifier’s output impedance and improve supply
rejection at high frequencies. The filter contributes less
than 1LSB of error due to offsets and bias currents. The
filter’s noise and distortion are less than –72dB for a
100Hz, 2VP-P offset sine input.
The combined MUX and A/D errors result in an integral
nonlinearity error of
±3LSB (maximum) and a differential
nonlinearity error of
±3/4LSB (maximum). The typical
signal-to-noise plus distortion ratio is 68dB, with approxi-
mately –78dB of total harmonic distortion. The LTC1598L
is programmed through a 4-wire serial interface that is
compatible with MICROWIRE, SPI and QSPI. Maximum
serial clock speed is 200kHz, which corresponds to a
10.5kHz sampling rate.
The complete circuit consumes approximately 600
µA
from a single 3V supply.
Simple Data Acquisition System Takes Advantage of the LTC1598L’s
MUXOUT/ADCIN Pins to Filter Analog Signals Prior to A/D Conversion
1594L/98L TA05
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
20
21
22
23
24
1
2
3
+
–
8-CHANNEL
MUX
8
COM
GND
4, 9
10
6
5, 14
7
11
CSADC
CSMUX
CLK
DIN
DOUT
12
13
NC
NC
12-BIT
SAMPLING
ADC
SERIAL DATA LINK
MICROWIRE AND SPI
COMPATIBLE
ADCIN
MUXOUT
18
3
8
1
2
17
16
3.3V
3.3V
15, 19
C7
1
µF
VREF VCC
LTC1598L
C6
0.1
µF
–
+
C2
0.015
µF
C8
0.01
µF
R2
7.5k
R3
7.5k
R4
7.5k
R1
7.5k
C4
0.03
µF
C3
0.1
µF
C5
0.015
µF
C1
0.03
µF
1/2 LT1368
5
7
6
4
–
+
1/2 LT1368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com