Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1622 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1622
Description  Low Input Voltage Current Mode Step-Down DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1622 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1622 Datasheet HTML 8Page - Linear Technology LTC1622 Datasheet HTML 9Page - Linear Technology LTC1622 Datasheet HTML 10Page - Linear Technology LTC1622 Datasheet HTML 11Page - Linear Technology LTC1622 Datasheet HTML 12Page - Linear Technology LTC1622 Datasheet HTML 13Page - Linear Technology LTC1622 Datasheet HTML 14Page - Linear Technology LTC1622 Datasheet HTML 15Page - Linear Technology LTC1622 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1622
TYPICAL APPLICATIONS
1
2
3
4
8
7
6
5
1
4
8
7
6
5
SENSE–
ITH
VFB
VIN
PDRV
GND
SYNC/
MODE
RUN/
SS
L1
3.3
µH
R2
0.025
Ω
U1
VOUT
1.8V
1.5A
VIN
2.5V TO
8.5V
1622 TA01
R1
10K
C3
220pF
C1
47
µF
16V
C2
220
µF
6V
C4
560pF
R3
93.1k
LTC1622
+
R4
75k
C1: AVX TPSD476M016R0150
C2: AVX TPSD227M006R0100
L1: MURATA LQN6C3R3
R2: DALE WSL-1206 0.025
Ω
U1: INTERNATIONAL RECTIFIER
FETKY
TM IRF7422D2
2
3
LTC1622 1.8V/1.5A Regulator with Burst Mode Operation Disabled
FETKY is a trademark of International Rectifier Corporation.
LTC1622 2.5V/2A Regulator with Burst Mode Operation Enabled
D1
L1
4.7
µH
R2
0.02
Ω
M1
R3
158k
VOUT
2.5V
2A
VIN
3.3V TO
8.5V
R4
75k
1622 TA02
C4
560pF
C1
47
µF
16V
× 2
+
C2
150
µF
6V
× 2
+
1
2
3
4
8
7
6
SENSE–
ITH
VFB
VIN
PDRV
GND
RUN/
SS
LTC1622
SYNC/
MODE
R1
10k
C3
220pF
5
C1: AVX TPSD476M016R0150
C2: SANYO POSCAP 6TPA47M
D1: MOTOROLA MBR320T3
L1: COILCRAFT D03316-472
M1: SILICONIX Si3443DV
R2: DALE WSL-2010 0.02
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com