Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1628 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1628
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1628 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1628 Datasheet HTML 9Page - Linear Technology LTC1628 Datasheet HTML 10Page - Linear Technology LTC1628 Datasheet HTML 11Page - Linear Technology LTC1628 Datasheet HTML 12Page - Linear Technology LTC1628 Datasheet HTML 13Page - Linear Technology LTC1628 Datasheet HTML 14Page - Linear Technology LTC1628 Datasheet HTML 15Page - Linear Technology LTC1628 Datasheet HTML 16Page - Linear Technology LTC1628 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
LTC1628/LTC1628-PG
the RMS input current varies for single-phase and 2-phase
operation for 3.3V and 5V regulators over a wide input
voltage range.
It can readily be seen that the advantages of 2-phase
operation are not just limited to a narrow operating range,
but in fact extend over a wide region. A good rule of thumb
for most applications is that 2-phase operation will reduce
Figure 4. RMS Input Current Comparison
Figure 1 on the first page is a basic LTC1628 application
circuit. External component selection is driven by the
load requirement, and begins with the selection of RSENSE
and the inductor value. Next, the power MOSFETs and D1
are selected. Finally, CIN and COUT are selected. The
circuit shown in Figure 1 can be configured for operation
up to an input voltage of 28V (limited by the external
MOSFETs).
RSENSE Selection For Output Current
RSENSE is chosen based on the required output current.
The LTC1628 current comparator has a maximum thresh-
old of 75mV/RSENSE and an input common mode range of
SGND to 1.1(INTVCC). The current comparator threshold
sets the peak of the inductor current, yielding a maximum
average output current IMAX equal to the peak value less
half the peak-to-peak ripple current,
∆IL.
Allowing a margin for variations in the LTC1628 and
external component values yields:
R
mV
I
SENSE
MAX
=
50
When using the controller in very low dropout conditions,
the maximum output current level will be reduced due to
the internal compensation required to meet stability crite-
rion for buck regulators operating at greater than 50%
duty factor. A curve is provided to estimate this reducton
in peak output current level depending upon the operating
duty factor.
Selection of Operating Frequency
The LTC1628 uses a constant frequency architecture with
the frequency determined by an internal oscillator capaci-
tor. This internal capacitor is charged by a fixed current
plus an additional current that is proportional to the
voltage applied to the FREQSET pin.
A graph for the voltage applied to the FREQSET pin vs
frequency is given in Figure 5. As the operating frequency
INPUT VOLTAGE (V)
0
3.0
2.5
2.0
1.5
1.0
0.5
0
10
20
30
40
1628 F04
SINGLE PHASE
DUAL CONTROLLER
2-PHASE
DUAL CONTROLLER
VO1 = 5V/3A
VO2 = 3.3V/3A
the input capacitor requirement to that for just one channel
operating at maximum current and 50% duty cycle.
A final question: If 2-phase operation offers such an
advantage over single-phase operation for dual switching
regulators, why hasn’t it been done before? The answer is
that, while simple in concept, it is hard to implement.
Constant-frequency current mode switching regulators
require an oscillator derived “slope compensation” signal
to allow stable operation of each regulator at over 50%
duty cycle. This signal is relatively easy to derive in single-
phase dual switching regulators, but required the develop-
ment of a new and proprietary technique to allow 2-phase
operation. In addition, isolation between the two channels
becomes more critical with 2-phase operation because
switch transitions in one channel could potentially disrupt
the operation of the other channel.
The LTC1628 is proof that these hurdles have been sur-
mounted. The new device offers unique advantages for the
ever-expanding number of high efficiency power supplies
required in portable electronics.
(Refer to Functional Diagram)
OPERATIO
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com