Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC741 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSC741
Description  High Voltage Fast-Switching NPN Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC741 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC741 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC741 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC741 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC741 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC741 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSC741
Taiwan Semiconductor
Document Number: DS_P0000178
1
Version: B15
High Voltage Fast-Switching NPN Power Transistor
FEATURES
●
High Voltage Capability
●
Fast Switching Speed
●
Pb-free plating
●
RoHS compliant
APPLICATION
●
Electronic Ballast
●
Switch mode power supply
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
BVCEO
450
V
BVCBO
1050
V
IC
2.5
A
VCE(SAT)
IC=0.7A, IB=0.14A
0.5
V
TO-220
Notes: Moisture sensitivity level: level 3. Per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-Base Voltage
VCBO
1050
V
Collector-Emitter Voltage @ VBE=0V
VCES
450
V
Emitter-Base Voltage
VEBO
15
V
Collector Current
IC
2.5
A
Collector Peak Current (tp <5ms)
ICM
4
A
Base Current
IB
1.5
A
Base Peak Current (tp <5ms)
IBM
3
A
Power Total Dissipation @ TA=25ºC
PDTOT
60
W
Maximum Operating Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
1.8
oC/W
Junction to Ambient Thermal Resistance
RӨJA
62.5
oC/W


Similar Part No. - TSC741

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC741 TSC-TSC741 Datasheet
123Kb / 4P
High Voltage Fast-Switching NPN Power Transistor
TSC741CZC0 TSC-TSC741CZC0 Datasheet
123Kb / 4P
High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - TSC741

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com