Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1629 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1629
Description  PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1629 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1629 Datasheet HTML 9Page - Linear Technology LTC1629 Datasheet HTML 10Page - Linear Technology LTC1629 Datasheet HTML 11Page - Linear Technology LTC1629 Datasheet HTML 12Page - Linear Technology LTC1629 Datasheet HTML 13Page - Linear Technology LTC1629 Datasheet HTML 14Page - Linear Technology LTC1629 Datasheet HTML 15Page - Linear Technology LTC1629 Datasheet HTML 16Page - Linear Technology LTC1629 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LTC1629/LTC1629-PG
V
V
k
N
OUT
IN
=
where k = 1, 2, …, N – 1
So the number of phases used can be selected to minimize
the output ripple current and therefore the output ripple
voltage at the given input and output voltages. In applica-
tions having a highly varying input voltage, additional
phases will produce the best results.
Accepting larger values of
∆IL allows the use of low
inductances, but can result in higher output voltage ripple.
A reasonable starting point for setting ripple current is
∆IL
= 0.4(IOUT)/N, where N is the number of channels and IOUT
is the total load current. Remember, the maximum
∆IL
occurs at the maximum input voltage. The individual
inductor ripple currents are constant determined by the
inductor, input and output voltages.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates “hard,” which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple.
Do
not allow the core to saturate!
Molypermalloy (from Magnetics, Inc.) is a very good, low
loss core material for toroids, but it is more expensive than
ferrite. A reasonable compromise from the same manu-
facturer is Kool M
µ. Toroids are very space efficient,
especially when you can use several layers of wire. Be-
cause they lack a bobbin, mounting is more difficult.
However, designs for surface mount are available which
do not increase the height significantly.
Power MOSFET, D1 and D2 Selection
Two external power MOSFETs must be selected for each
controller with the LTC1629: One N-channel MOSFET for
the top (main) switch, and one N-channel MOSFET for the
bottom (synchronous) switch.
The peak-to-peak drive levels are set by the INTVCC volt-
age. This voltage is typically 5V during start-up (see
EXTVCC Pin Connection). Consequently, logic-level thresh-
old MOSFETs must be used in most applications. The only
exception is if low input voltage is expected (VIN < 5V);
then, sublogic-level threshold MOSFETs (VGS(TH) < 3V)
should be used. Pay close attention to the BVDSS specifi-
cation for the MOSFETs as well; most of the logic-level
MOSFETs are limited to 30V or less.
Selection criteria for the power MOSFETs include the “ON”
resistance RDS(ON), reverse transfer capacitance CRSS,
input voltage, and maximum output current. When the
LTC1629 is operating in continuous mode the duty factors
for the top and bottom MOSFETs of each output stage are
given by:
Main Switch Duty Cycle
V
V
OUT
IN
=
Synchronous Switch Duty Cycle
VV
V
IN
OUT
IN
= 


–
Kool M
µ is a registered trademark of Magnetics, Inc.
APPLICATIO S I FOR ATIO
Figure 3. Normalized Peak Output Current vs
Duty Factor [IRMS ≈ 0.3 (∆IO(P–P))]
DUTY FACTOR (VOUT/VIN)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1629 F03
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
Inductor Core Selection
Once the values for L1 and L2 are known, the type of
inductor must be selected. High efficiency converters
generally cannot afford the core loss found in low cost
powdered iron cores, forcing the use of more expensive
ferrite, molypermalloy, or Kool M
µ® cores. Actual core
loss is independent of core size for a fixed inductor value,
but it is very dependent on inductance selected. As induc-
tance increases, core losses go down. Unfortunately,
increased inductance requires more turns of wire and
therefore copper losses will increase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com