Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1605CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1605CSW
Description  16-Bit, 100ksps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1605CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1605CSW Datasheet HTML 6Page - Linear Technology LTC1605CSW Datasheet HTML 7Page - Linear Technology LTC1605CSW Datasheet HTML 8Page - Linear Technology LTC1605CSW Datasheet HTML 9Page - Linear Technology LTC1605CSW Datasheet HTML 10Page - Linear Technology LTC1605CSW Datasheet HTML 11Page - Linear Technology LTC1605CSW Datasheet HTML 12Page - Linear Technology LTC1605CSW Datasheet HTML 13Page - Linear Technology LTC1605CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1605
APPLICATIONS INFORMATION
signal is applied to the input of the ADC and the resulting
output codes are collected over a large number of conver-
sions. For example in Figure 7 the distribution of output
code is shown for a DC input that has been digitized 10000
times. The distribution is Gaussian and the RMS code
transition is about 1LSB.
Timing and Control
Conversion start and data read are controlled by two
digital inputs: CS and R/C. To start a conversion and put
the sample-and-hold into the hold mode bring CS and
R/C low for no less than 40ns. Once initiated it cannot be
restarted until the conversion is complete. Converter
status is indicated by the BUSY output and this is low while
the conversion is in progress.
There are two modes of operation. The first mode is shown
in Figure 8. The digital input R/C is used to control the start
of conversion. CS is tied low. When R/C goes low the
sample-and-hold goes into the hold mode and a conver-
sion is started. BUSY goes low and stays low during the
conversion and will go back high after the conversion has
been completed and the internal output shift registers
have been updated. R/C should remain low for no less than
40ns. During the time R/C is low the digital outputs are in
a Hi-Z state. R/C should be brought back high within 3
µs
after the start of the conversion to ensure that no errors
occur in the digitized result. The second mode, shown in
Figure 9, uses the CS signal to control the start of a
conversion and the reading of the digital output. In this
mode the R/C input signal should be brought low no less
than 10ns before the falling edge of CS. The minimum
pulse width for CS is 40ns. When CS falls, BUSY goes low
and will stay low until the end of the conversion. BUSY will
go high after the conversion has been completed. The new
data is valid when CS is brought back low again to initiate
Figure 8. Conversion Timing with Outputs Enabled After Conversion (CS Tied Low)
CODE
0
500
1500
1000
2500
2000
4000
3500
3000
4500
1605 • F07
–5 –4 –3 –2 –1
0
1
2345
Figure 7. Histogram for 10000 Conversions
DIGITAL INTERFACE
Internal Clock
The ADC has an internal clock that is trimmed to achieve
a typical conversion time of 7
µs. No external adjustments
are required and, with the typical acquisition time of 1
µs,
throughput performance of 100ksps is assured.
t1
t11
t2
t 4
t3
t7
t6
ACQUIRE
CONVERT
CONVERT
ACQUIRE
t5
t8
tACQ
tCONV
t9
PREVIOUS
DATA VALID
PREVIOUS
DATA VALID
HI-Z
NOT VALID
HI-Z
DATA
VALID
DATA
VALID
R/C
BUSY
MODE
DATA MODE
1605 • F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com