Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH108A Datasheet(PDF) 2 Page - Linear Technology

Part # RH108A
Description  Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH108A Datasheet(HTML) 2 Page - Linear Technology

  RH108A_15 Datasheet HTML 1Page - Linear Technology RH108A_15 Datasheet HTML 2Page - Linear Technology RH108A_15 Datasheet HTML 3Page - Linear Technology RH108A_15 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RH108A
2
rh108afc
(Preirradiation, Note 4)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: For supply voltages less than ±15V, the maximum input voltage
isequal to the supply voltage.
TABLE 1: ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
NOTES
TA = 25°C
SUB-
GROUP
–55°C ≤ TA ≤ 125°C
SUB-
GROUP
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
0.5
1
1.0
2,3
mV
ΔVOS
ΔTemp
Average Tempco of Offset
Voltage
3
5.0
μV/°C
IOS
Input Offset Current
0.2
1
0.4
2,3
nA
ΔIS
ΔTemp
Average Tempco of Offset
Current
3
2.5
pA/°C
IB
Input Bias Current
2.0
1
3.0
2,3
nA
AVOL
Large-Signal Voltage Gain
VS = ±15V, VOUT = ±10V
RL ≥ 10k
80
4
40
5,6
V/mV
CMRR
Common Mode Rejection Ratio
96
1
96
2,3
dB
PSRR
Power Supply Rejection Ratio
96
1
96
2,3
dB
Input Voltage Range
VS = ±15V
3
±13.5
±13.5
V
VOUT
Output Voltage Swing
VS = ±15V, RL = 10k
±13
4
±13
5,6
V
RIN
Input Resistance
3
30
MΩ
IS
Supply Current
(Note 6)
0.6
1
0.4
2
mA
SYMBOL
PARAMETER
CONDITIONS
NOTES
10KRAD (Si)
20KRAD (Si)
50KRAD (Si)
80KRAD (Si)
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
VOS
Input Offset Voltage
0.5
0.5
0.5
1.0
mV
IOS
Input Offset Current
0.3
0.3
0.3
0.3
nA
IB
Input Bias Current
±2.0
±2.0
±2.0
±4.0
nA
AVOL
Large-Signal Voltage Gain
VS = ±15V, VOUT = ±10V
RL ≥ 10k
98
98
90
86
dB
CMRR
Common Mode Rejection Ratio
96
96
84
70
dB
PSRR
Power Supply Rejection Ratio
4
96
96
84
70
dB
Input Voltage Range
3
±13.5
±13.5
±13.5
±13.5
V
VOUT
Output Voltage Swing
±13
±13
±13
±13
V
RIN
Input Resistance
3
30
30
30
30
MΩ
IS
Supply Current
0.6
0.6
0.6
0.6
mA
(Preirradiation, Note 4)
TABLE 1A: ELECTRICAL CHARACTERISTICS
Note 3: Guaranteed by design, characterization or correlation to
othertested parameters.
Note 4: ±5V ≤ VS ≤ ±20V preirradiation, ±5V ≤ VS ≤ ±15V postirradiation,
unless otherwise noted.
Note 5: VS = ±15V, VCM = 0V, TA = 25°C unless otherwise noted.
Note 6: 25°C ≤ TA ≤ 125°C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com