Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1009 Datasheet(PDF) 2 Page - Linear Technology

Part # RH1009
Description  2.5V Reference
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1009 Datasheet(HTML) 2 Page - Linear Technology

  RH1009_15 Datasheet HTML 1Page - Linear Technology RH1009_15 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RH1009
SYMBOL PARAMETER
CONDITIONS
NOTES MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
VZ
Reverse Breakdown
IR = 1mA
2.495
2.505 2.495
2.505 2.495
2.505 2.495
2.505 2.495
2.505
V
Voltage
ΔVZ
Reverse Breakdown Voltage 400
μA ≤ IR ≤ 10mA
6
6
8
10
12
mV
ΔIZ
Change with Current
rZ
Reverse Dynamic
IR = 1mA
1
0.6
0.6
0.8
1.0
1.4
Ω
Impedance
TABLE 1A: ELECTRICAL CHARACTERISTICS (Postirradiation) (Note 2)
50KRAD(Si)
20KRAD(Si)
10KRAD(Si)
100KRAD(Si)
200KRAD(Si)
Note 1: Guaranteed by design, characterization or correlation to other
tested parameters.
Note 2: TA = 25°C unless otherwise noted.
TOTAL DOSE BIAS CIRCUIT
© LINEAR TECHNOLOGY CORPORATION 1990
LT 0607 REV C • PRINTED IN USA
I.D. No. 66-10-0174 Rev. C 0607
12.4k
15V
RH1009 TDBC
TABLE 2: ELECTRICAL TEST REQUIRE E TS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3
Group A Test Requirements (Method 5005)
1,2,3
Group C and D End Point Electrical Parameters
1
(Method 5005)
* PDA Applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883 Class B. The verified failures of group A, subgroup
1, after burn-in divided by the total number of devices submitted for burn-
in in that lot shall be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
TOTAL DOSE KRAD (Si)
1
0
–2
–4
–6
–8
–10
–12
–14
10
100
1000
RH1009 G02
600
μA ≤ IR ≤ 10mA
Reverse Breakdown Voltage
Change with Current
Reverse Breakdown Voltage
TOTAL DOSE KRAD (Si)
1
2.502
2.501
2.500
2.499
2.498
10
100
1000
RH1009 G01
IR = 1mA
TYPICAL PERFORMANCE CHARACTERISTICS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com