Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC5302DCPROG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSC5302DCPROG
Description  High Voltage NPN Transistor with Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5302DCPROG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSC5302DCPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5302DCPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5302DCPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC5302DCPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC5302DCPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC5302DCPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSC5302D
High Voltage NPN Transistor with Diode
2/6
Version: G14
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 1mA, IB = 0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
a
IC = 10mA, IE = 0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
BVEBO
10
--
--
V
Collector Cutoff Current
VCB = 700V, IE = 0
ICBO
--
--
1
µA
Emitter Cutoff Current
VEB = 9V, IC = 0
IEBO
--
--
1
µA
Collector-Emitter Saturation Voltage
a
IC =0.5A, IB =0.1A
VCE(SAT)1
--
--
0.5
V
IC =1A, IB =0.25A
VCE(SAT)2
--
1.1
1.5
Base-Emitter Saturation Voltage
a
IC =0.5A, IB =0.1A
VBE(SAT)1
--
--
1.1
V
IC =1A, IB =0.25A
VBE(SAT)2
--
--
1.2
DC Current Gain
VCE =5V, IC =10mA
hFE 1
10
--
--
VCE =5V, IC =400mA
hFE 2
10
--
30
VCE =5V, IC =1A
hFE 3
5
--
--
Turn On Time
VCC =250V, IC =1A,
IB1=IB2 =0.2A, tp =25µs
Duty Cycle<1%
tON
--
0.15
0.3
µs
Storage Time
tSTG
--
0.5
0.9
µs
Fall Time
tf
--
0.2
0.4
µs
Diode
Fall Time
IC =1A
tF
--
--
800
µs
Forward Voltage Drop
IC =1A
Vf
--
--
1.4
V
Notes: Pulsed duration = 300µs, duty cycle ≤2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com