Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1645C Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1645C
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645C Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1645C Datasheet HTML 16Page - Linear Technology LTC1645C Datasheet HTML 17Page - Linear Technology LTC1645C Datasheet HTML 18Page - Linear Technology LTC1645C Datasheet HTML 19Page - Linear Technology LTC1645C Datasheet HTML 20Page - Linear Technology LTC1645C Datasheet HTML 21Page - Linear Technology LTC1645C Datasheet HTML 22Page - Linear Technology LTC1645C Datasheet HTML 23Page - Linear Technology LTC1645C Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC1645
Table 1. N-Channel Selection Guide
CURRENT
PART
LEVEL
NUMBER
MANUFACTURER
DESCRIPTION
1A to 2A
NDH8503N
Fairchild
Dual N-Channel
RDS(ON) = 0.033
SuperSOT-8
1A to 2A
Si6928DQ
Siliconix
Dual N-Channel
RDS(ON) = 0.035
TSSOP-8
2A to 5A
Si4920DY
Siliconix
Dual N-Channel
RDS(ON) = 0.025
SO-8
2A to 5A
IRF7313
International
Dual N-Channel
Rectifier
RDS(ON) = 0.029
SuperSOT-8
5A to 10A
Si4420
Siliconix
Single N-Channel
RDS(ON) = 0.009
SO-8
5A to 10A
FDS6680
Fairchild
Single N-Channel
RDS(ON) = 0.01
SO-8
5A to 10A
IRF7413
International
Single N-Channel
Rectifier
RDS(ON) = 0.011
SO-8
5A to 10A
MMSF3300
ON Semiconductor
Single N-Channel
RDS(ON) = 0.0125
SO-8
10A to 20A
FDB8030L
Fairchild
Single N-Channel
RDS(ON) = 0.0035
TO-263AB
10A to 20A
SUD75N03-04
Siliconix
Single N-Channel
RDS(ON) = 0.004
D2PAK
ON
2V/DIV
VOUT2
2V/DIV
VREGOUT
2V/DIV
Figure 24. Switching Regulator Hot Swap
VOUT1
2V/DIV
VREGIN
2V/DIV
RESET
5V/DIV
APPLICATIO S I FOR ATIO
VCC
VOUT
*USER SELECTED VOLTAGE CLAMP
1N4688 (5V)
1N4692 (7V): LOGIC-LEVEL MOSFET
1N4695 (9V)
1N4702 (15V): STANDARD-LEVEL MOSFET
1645 F25
R1
D1*
D2
1N4148
D4*
D2
1N4148
Q1
Figure 25. Optional Gate Clamp
its FB or SENSE pin. In the case of the LTC1649, large peak
currents result if the FB pin is at ground and not connected
directly to the output inductor and capacitors. To keep the
peak currents under control, R1, R2 and D1 hold the FB pin
above ground but below its normal regulated value until
VOUT2 ramps up and D1 reverse-biases.
Power N-Channel Selection
The RDS(ON) of the external pass transistors must be low
enough so that the voltage drop across them is 100mV or
less at full current. If the RDS(ON) is too high, the voltage
drop across the transistor can cause the output voltage to
trip the reset circuit. The transistors listed in Table 1 or
other similar transistors are recommended for use with
the LTC1645.
Low voltage applications may require the use of logic-level
FETs; ensure their maximum VGS rating is sufficient for the
application. GATE voltage as a function of VCC is illustrated
in the Typical Performance curves. If lower GATE drive is
desired, connect a diode in series with a zener between
GATE and VCC or between GATE and VOUT as shown in
Figure 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com