Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH251CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSH251CT
Description  Micropower CMOS Output Hall Effect Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH251CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSH251CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH251CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH251CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH251CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH251CT Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH251CT Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH251CT Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSH251CT Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSH251
Micropower CMOS Output Hall Effect Switch
2/8
Version: B14
C1:10nF
C2:100pF
Block Diagram
Note: Static sensitive device; please observe ESD precautions. Reverse VDD protection is not included. For reverse
voltage protection, a 100Ω resistor in series with VDD is recommended.
Typical Application Circuit
Electrical Specifications (DC Operating Parameters: TA=+25
oC, V
DD=1.8V)
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage
Operating
1.65
--
3.5
V
Supply Current
Awake State
--
1.4
3
mA
Sleep State
--
3.6
7
µA
Average
--
5
10
µA
Output Leakage Current
Output off
--
--
1
µA
Output High Voltage
IOUT=0.5mA(Source)
VDD-0.2
--
--
V
Output Low Voltage
IOUT=0.5mA(Sink)
--
--
0.2
V
Awake mode time
Operating
--
40
80
us
Sleep mode time
Operating
--
40
80
ms
Duty Cycle
--
0.1
--
%
Electro-Static Discharge
HBM
4
--
--
KV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com