Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1642IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1642IGN
Description  Hot Swap Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1642IGN Datasheet HTML 2Page - Linear Technology LTC1642IGN Datasheet HTML 3Page - Linear Technology LTC1642IGN Datasheet HTML 4Page - Linear Technology LTC1642IGN Datasheet HTML 5Page - Linear Technology LTC1642IGN Datasheet HTML 6Page - Linear Technology LTC1642IGN Datasheet HTML 7Page - Linear Technology LTC1642IGN Datasheet HTML 8Page - Linear Technology LTC1642IGN Datasheet HTML 9Page - Linear Technology LTC1642IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1642
APPLICATIO S I FOR ATIO
up; this “foldback” limiting tends to keep the power
dissipation in the N-channel pass transistor constant. The
output voltage is sensed at the FB pin. The limiting sense
resistor voltage is 23mV when FB is grounded, but in-
creases gradually to 53mV when FB exceeds 1V; Figure 3
shows the full dependence.
When the sense resistor voltage reaches its limit, a circuit
breaker timer starts. This timer uses the BRK TMR pin and
has a 1.23V threshold. If BRK TMR reaches 1.23V the
timer comparator trips, tripping the circuit breaker; if the
sense resistor voltage falls below its limit before the
comparator trips the GATE voltage begins ramping back
up immediately. The ramp time
∆t needed to trip the
comparator is
∆t(ms) = 62•C(µF), where C is the external
capacitance.
Once the circuit breaker trips, GATE and FAULT remain at
ground until the chip is restarted. To restart, hold the ON
pin low for at least 2
µs and FAULT will go high. Then take
ON high again and the GATE will ramp up after a system
timing cycle. Or, configure the LTC1642 to restart itself
after the circuit breaker trips by connecting FAULT to the
ON pin.
The servo loop controlling Q1 during current limit has a
unity-gain frequency of about 125kHz; in Figure 1 R4,
together with C2, provide compensation. To ensure stabil-
ity the product 1/(2•
π•R4•C2) should be kept below the
unity-gain frequency, and C2 should be more than Q1’s
gate-source capacitance. The values shown in Figure 1,
0.047
µF and 330Ω, are a starting point.
Typical waveforms during a load short to ground are
shown in Figure 4. The load is shorted to ground at time 1.
The GATE voltage drops until the load current equals its
maximum limit, and the circuit breaker timer starts. The
short is cleared at time 2, before the timer trips. The BRK
TMR pin returns to ground, and the GATE voltage begins
ramping up. At time 3 the load is shorted again and at time
4 the timer trips, pulling the GATE to ground and asserting
FAULT. Although the short is cleared at time 5, FAULT
doesn’t go high until the ON pin is pulled low at time 6. At
time 7 ON goes high and the system timer starts. When it
trips at time 8 the GATE voltage begins ramping.
FB PIN VOLTAGE (mV)
0 100 200 300 400 500 600 700 800 900 1000
1642 F03
70
60
50
40
30
20
10
0
Figure 3. Maximum Sense Resistor Voltage vs FB Voltage
ILOAD
GATE
ILIMIT
1.23V
VOUT
6
7
5
4
3
2
1
8
GATE
BRK TMR
RST TMR
ON
0A
1.23V
1642 F04
FAULT
Figure 4. Current Limit and Circuit Breaker Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com