Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM2N60ECPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N60ECPROG
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N60ECPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM2N60ECPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N60ECPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N60ECPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N60ECPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N60ECPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N60ECPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2N60ECPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSM2N60E
600V, 2A, 4
Ω
N-Channel Power MOSFET
1/7
Version: A14
TO-251
(IPAK)
TO-252
(DPAK)
Key Parameter Performance
Parameter
Value
Unit
VDS
600
V
RDS(on)(max)
4
Ω
Qg (typ)
9.5
nC
Features
●
100% Avalanche Tested
●
G-S ESD Protection Diode Embedded
Ordering Information
Part No.
Package
Packing
TSM2N60ECH C5G
TO-251
75pcs / Tube
TSM2N60ECP ROG
TO-252
2.5kpcs / 13
” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds
Absolute Maximum Ratings (T
C = 25℃ unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
(Note 1)
Tc = 25
℃
ID
2
A
Tc = 100
℃
1.43
A
Pulsed Drain Current
(Note 2)
IDM
8
A
Repetitive Avalanche Current
(Note 1)
IAR
2
A
Repetitive Avalanche Energy
(Note 1)
EAR
5.2
A
Single Pulse Avalanche Energy
(Note 3)
EAS
66
mJ
Total Power Dissipation
TC = 25℃
PD
52.1
W
Derate above TC = 25℃
0.416
W/
℃
Peak Diode Recovery dV/dt
(Note 4)
dV/dt
4.5
V/ns
Operating Junction Temperature
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
RӨJC
2.4
℃/W
Thermal Resistance - Junction to Ambient
RӨJA
110
℃/W
Block Diagram
N-Channel MOSFET with ESD Protection
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM2N60ECPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60 TSC-TSM2N60 Datasheet
211Kb / 3P
N CHANNEL POWER ENHANCEMENT MODE MOSFET
TSM2N60 TSC-TSM2N60 Datasheet
459Kb / 8P
600V N-Channel Power MOSFET
TSM2N60CH TSC-TSM2N60CH Datasheet
211Kb / 3P
N CHANNEL POWER ENHANCEMENT MODE MOSFET
TSM2N60CH TSC-TSM2N60CH Datasheet
157Kb / 4P
N-Channel Power Enhancement Mode MOSFET
TSM2N60CH TSC-TSM2N60CH Datasheet
459Kb / 8P
600V N-Channel Power MOSFET
More results

Similar Description - TSM2N60ECPROG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com