Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1645CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1645CS8
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1645CS8 Datasheet HTML 7Page - Linear Technology LTC1645CS8 Datasheet HTML 8Page - Linear Technology LTC1645CS8 Datasheet HTML 9Page - Linear Technology LTC1645CS8 Datasheet HTML 10Page - Linear Technology LTC1645CS8 Datasheet HTML 11Page - Linear Technology LTC1645CS8 Datasheet HTML 12Page - Linear Technology LTC1645CS8 Datasheet HTML 13Page - Linear Technology LTC1645CS8 Datasheet HTML 14Page - Linear Technology LTC1645CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1645
APPLICATIO S I FOR ATIO
(a) VCC Short-Circuit Supply Current Glitch Without Any Limiting
(b) VCC Supply Glitch Without Any Limiting
(c) VCC Short-Circuit Supply Current Glitch
with 2
µH Series Inductor
(d) VCC Supply Glitch with 2µH Series Inductor
Figure 8. Supply Glitch
Supply Glitching
LTC1645 Hot Swap circuits on the backplane are generally
used to provide power-up/down sequence at insertion/
removal as well as overload/short-circuit protection. If a
short-circuit occurs at supply ramp-up, the circuit breaker
trips. The partially enhanced FET is easily disconnected
without any supply glitch.
If a dead short occurs after a supply connection is made
(Figure 8), the sense resistor R1 and the RDS(ON) of the
fully enhanced FET provide a low impedance path for
0.1
µF
1645 F08
10
Ω
R1
0.01
Ω
12V
IRF7413
2
µH
+
–
LTC1645
SUPPLY
GLITCH
100
µF
+
1
µs/DIV
1645 F08a
1
µs/DIV
1645 F08b
VCC
GATE
1
µs/DIV
1645 F08c
1
µs/DIV
1645 F08d
GATE
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com