Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1650C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1650C
Description  Low Glitch 16-Bit Voltage Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1650C Datasheet(HTML) 2 Page - Linear Technology

  LTC1650C Datasheet HTML 1Page - Linear Technology LTC1650C Datasheet HTML 2Page - Linear Technology LTC1650C Datasheet HTML 3Page - Linear Technology LTC1650C Datasheet HTML 4Page - Linear Technology LTC1650C Datasheet HTML 5Page - Linear Technology LTC1650C Datasheet HTML 6Page - Linear Technology LTC1650C Datasheet HTML 7Page - Linear Technology LTC1650C Datasheet HTML 8Page - Linear Technology LTC1650C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1650
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
AVDD = 4.75V to 5.25V, AVSS = – 4.75V to – 5.25V, DVDD = 4.75V to 5.25V, REFLO = 0V, REFHI = 4.096V, VOUT unloaded,
TA = TMIN to TMAX unless otherwise noted.
(Note 1)
AVDD, DVDD to DGND .............................. –0.5V to 7.5V
TTL Input Voltage .................................... – 0.5V to 7.5V
VOUT, VRST ................................ – 0.5V to (AVDD + 0.5V)
AVSS .........................................................0.5V to –7.5V
Operating Temperature Range
LTC1650C............................................... 0
°C to 70°C
LTC1650I ............................................ – 40
°C to 85°C
Maximum Junction Temperature ......................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
N PACKAGE
16-LEAD PDIP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VOUT
VRST
DVDD
DGND
DIN
DOUT
CLK
CS/LD
UNI/BIP
AVDD
AVSS
REFLO S
REFLO F
REFHI
RSTOUT
CLR
TJMAX = 125°C, θJA = 85°C/ W (N)
TJMAX = 125°C, θJA = 130°C/ W (S)
LTC1650ACN
LTC1650AIN
LTC1650ACS
LTC1650AIS
LTC1650CN
LTC1650IN
LTC1650CS
LTC1650IS
LTC1650CS/CN
LTC1650ACS/ACN
LTC1650IS/IN
LTC1650AIS/AIN
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DAC Characteristics, Unipolar/Bipolar Output Unless Otherwise Noted
Resolution
q
16
16
Bits
Monotonicity
q
16
16
Bits
DNL
Differential Nonlinearity
Guaranteed Monotonic (Note 2)
q
±0.15
±0.9
±0.15
±0.5
LSB
INL
Integral Nonlinearity
Integral Nonlinearity (Note 2)
q
±4
±16
±4
±8
LSB
Bipolar Zero Error
TA = 25°C
±5
±12
±5
±12
LSB
Bipolar Zero Error
TA = TMIN to TMAX
q
±18
±18
LSB
VOS
Unipolar Offset Error
TA = TMIN to TMAX
q
±0.5
±12
±0.5
±12
LSB
VOSTC
Offset Error Temperature
±0.5
±0.5
µV/°C
Coefficient
Gain Error
TA = TMIN to TMAX
q
±4
±18
±4
±12
LSB
Gain Error Temperature
±0.5
±0.5
ppm/
°C
Coefficient
Bipolar Negative
TA = TMIN to TMAX
q
±1
±16
±1
±12
LSB
Full-Scale Error
See Definitions Section
Bipolar Negative
See Definitions Section
±0.75
±0.75
ppm/
°C
Full-Scale Error Tempco
Consult factory for Military grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com