Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM6N50CPROG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM6N50CPROG
Description  500V N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM6N50CPROG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM6N50CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM6N50CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM6N50CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM6N50CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM6N50CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM6N50CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM6N50CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM6N50CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSM6N50
500V N-Channel Power MOSFET
2/8
Version: D14
Thermal Performance
Parameter
(Note 4)
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
ITO-220
RӨJC
5
oC/W
TO-252. TO-251
2.78
Thermal Resistance - Junction to Ambient
RӨJA
62.5
oC/W
Electrical Specifications (TJ=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
500
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 2.8A
RDS(ON)
--
1.15
1.4
Ω
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
2.0
--
4.0
V
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V
IDSS
--
--
1
µA
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±10
µA
Forward Transfer Conductance
VDS = 8V, ID = 1A
gfs
--
2.6
--
S
Dynamic
(Note 5,6)
Total Gate Charge
VDS = 400V, ID = 5A,
VGS = 10V
Qg
--
25
33
nC
Gate-Source Charge
Qgs
--
5
--
Gate-Drain Charge
Qgd
--
10
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
680
900
pF
Output Capacitance
Coss
--
85
110
Reverse Transfer Capacitance
Crss
--
15
20
Switching
(Note 5,6)
Turn-On Delay Time
VGS = 10V, ID = 5A,
VDD = 250V, RG =25Ω
td(on)
--
20
50
ns
Turn-On Rise Time
tr
--
40
90
Turn-Off Delay Time
td(off)
--
90
190
Turn-Off Fall Time
tf
--
45
100
Source-Drain Diode Ratings and Characteristic
Source Current
Integral reverse diode in
the MOSFET
IS
--
--
5
A
Source Current (Pulse)
ISM
--
--
15
A
Diode Forward Voltage
IS = 5A, VGS = 0V
VSD
--
--
1.6
V
Reverse Recovery Time
VGS = 0V, IS = 5A,
dIF/dt = 100A/µs
tfr
--
430
--
ns
Reverse Recovery Charge
Qfr
--
2
--
µC
Note:
1.
Limited by maximum junction temperature
2.
VDD = 50V, IAS=5A, L=10mH, Starting TJ=25ºC
3.
Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
4.
Surface mounted on FR4 board t ≤ 10sec
5.
Pulse test: pulse width ≤300µS, duty cycle ≤2%
6.
Essentially Independent of Operating Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com