Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM6N60CPROG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM6N60CPROG
Description  600V N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM6N60CPROG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM6N60CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM6N60CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM6N60CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM6N60CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM6N60CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM6N60CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM6N60CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSM6N60
600V N-Channel Power MOSFET
2/8
Version: B14
Electrical Specifications (Tc = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
600
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 3.0A
RDS(ON)
--
1.1
1.25
Ω
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
2
2.75
4
V
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
IDSS
--
--
1
µA
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±100
nA
Dynamic
(Note a)
Total Gate Charge
VDS = 480V, ID = 6A,
VGS = 10V
Qg
--
20.7
28
nC
Gate-Source Charge
Qgs
--
5.1
--
Gate-Drain Charge
Qgd
--
5.4
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
1248
--
pF
Output Capacitance
Coss
--
117
--
Reverse Transfer Capacitance
Crss
--
11.3
--
Switching
(Note a)
Turn-On Delay Time
VGS = 10V, ID = 6A,
VDD = 300V, RGEN =25Ω
td(on)
--
21
44
ns
Turn-On Rise Time
tr
--
7.6
15
Turn-Off Delay Time
td(off)
--
57
107
Turn-Off Fall Time
tf
--
6.2
8
Source-Drain Diode Ratings and Characteristic
Source Current
IS
--
--
6.0
A
Diode Forward Voltage
IS = 6.0A, VGS = 0V
VSD
--
0.86
1.5
V
Note: Pulse Width < 300µs, Duty Cycle < 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com