Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1654IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1654IGN
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1654IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1654IGN Datasheet HTML 1Page - Linear Technology LTC1654IGN Datasheet HTML 2Page - Linear Technology LTC1654IGN Datasheet HTML 3Page - Linear Technology LTC1654IGN Datasheet HTML 4Page - Linear Technology LTC1654IGN Datasheet HTML 5Page - Linear Technology LTC1654IGN Datasheet HTML 6Page - Linear Technology LTC1654IGN Datasheet HTML 7Page - Linear Technology LTC1654IGN Datasheet HTML 8Page - Linear Technology LTC1654IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1654
Dual 14-Bit Rail-to-Rail DAC
in 16-Lead SSOP Package
April 2000
s
14-Bit Monotonic Over Temperature
s
Individually Programmable Speed/Power:
3.5
µs Settling Time at 750µA
8
µs Settling Time at 450µA
s
Maximum Update Rate: 0.9MHz
s
Smallest Dual 14-Bit DAC: 16-Lead Narrow
SSOP Package
s
Buffered True Rail-to-Rail Voltage Outputs
s
3V to 5V Single Supply Operation
s
User Selectable Gain
s
Power-On Reset and Clear Function
s
Schmitt Trigger On Clock Input Allows Direct
Optocoupler Interface
The LTC
®1654 is a dual, rail-to-rail voltage output, 14-bit
digital-to-analog converter (DAC). It is available in a
16-lead narrow SSOP package, making it the smallest dual
14-bit DAC available. It includes output buffer amplifiers
and a flexible serial interface.
The LTC1654 has REFHI pins for each DAC that can be
driven up to VCC. The output will swing from 0V to VCC in
gain of 1 configuration or VCC/2 in gain of 1/2 configura-
tion. It operates from a single 2.7V to 5.5V supply.
The LTC1654 has two programmable speeds: a FAST and
SLOW mode with
±1LSB settling times of 3.5µs or 8µs
respectively and supply currents of 750
µA and 450µA in
the two modes. The LTC1654 also has shutdown capabil-
ity, power-on reset and clear function to 0V.
s
Digital Calibration
s
Industrial Process Control
s
Automatic Test Equipment
s
Offset/Gain Adjustment
, LTC and LT are registered trademarks of Linear Technology Corporation.
DAC B
1654 BD
VOUT B
REFHI B
VOUT A
X1/X1/2 B
REFHI A
+
POWER-ON
RESET
DAC A
REFLO A
REFLO B
X1/X1/2 A
+
INPUT
LATCH
CONTROL
LOGIC
CS/LD
SCK
SDO
CLR
SDI
INPUT
LATCH
DAC
REGISTER
32-BIT
SHIFT
REGISTER
DAC
REGISTER
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Final Electrical Specifications
FEATURES
DESCRIPTIO
APPLICATIO S
BLOCK DIAGRA


Similar Part No. - LTC1654IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1654IGN LINER-LTC1654IGN Datasheet
189Kb / 16P
Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
More results

Similar Description - LTC1654IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2605 LINER-LTC2605 Datasheet
317Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC1654 LINER-LTC1654_1 Datasheet
189Kb / 16P
Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC1654 LINER-LTC1654_15 Datasheet
195Kb / 16P
Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com