Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1663C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1663C
Description  10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1663C Datasheet(HTML) 5 Page - Linear Technology

  LTC1663C Datasheet HTML 1Page - Linear Technology LTC1663C Datasheet HTML 2Page - Linear Technology LTC1663C Datasheet HTML 3Page - Linear Technology LTC1663C Datasheet HTML 4Page - Linear Technology LTC1663C Datasheet HTML 5Page - Linear Technology LTC1663C Datasheet HTML 6Page - Linear Technology LTC1663C Datasheet HTML 7Page - Linear Technology LTC1663C Datasheet HTML 8Page - Linear Technology LTC1663C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1663
VCC (Pin 5, Pin 4 on SOT-23): Power Supply. 2.7V ≤ VCC
≤ 5.5V. Also used as the reference voltage input when the
part is programmed to use VCC as the reference.
AD0 (Pin 6): Slave Address Select Bit 0. Tie this pin to
either VCC or GND to modify the corresponding bit of the
LTC1663’s slave address.
GND (Pin 7, Pin 2 on SOT-23): System Ground.
VOUT (Pin 8, Pin 3 on SOT-23): Voltage Output. Buffered
rail-to-rail DAC output.
PIN FUNCTIONS
SDA (Pin 1, Pin 1 on SOT-23): Serial Data Bidirectional
Pin. Data is shifted into the SDA pin and acknowledged by
the SDA pin. High impedance pin while data is shifted in.
Open-drain N-channel output during acknowledgment.
Requires a pull-up resistor or current source to VCC.
AD1 (Pin 2): Slave Address Select Bit 1. Tie this pin to
either VCC or GND to modify the corresponding bit of the
LTC1663’s slave address.
AD2 (Pin 3): Slave Address Select Bit 2. Tie this pin to
either VCC or GND to modify the corresponding bit of the
LTC1663’s slave address.
SCL (Pin 4, Pin 5 on SOT-23): Serial Clock Input Pin. Data
is shifted into the SDA pin at the rising edges of the clock.
This high impedance pin requires a pull-up resistor or
current source to VCC.
DEFINITIONS
zero. The INL error at a given input code is calculated as
follows:
INL = [VOUT – VOS – (VFS – VOS)(code/1023)]/LSB
Where VOUT is the output voltage of the DAC measured at
the given input code.
Least Significant Bit (LSB): The ideal voltage difference
between two successive codes.
LSB = VREF/1024
Resolution (n): Defines the number of DAC output states
(2n) that divide the full-scale range. Resolution does not
imply linearity.
Voltage Offset Error (VOS): Nominally, the voltage at the
output when the DAC is loaded with all zeros. A single
supply DAC can have a true negative offset, but the output
cannot go below zero (see Applications Information).
For this reason, single supply DAC offset is measured at
the lowest code that guarantees the output will be greater
than zero.
Differential Nonlinearity (DNL): The difference between
the measured change and the ideal 1LSB change for any
two adjacent codes. The DNL error between any two codes
is calculated as follows:
DNL = (
∆VOUT – LSB)/LSB
Where
∆VOUT is the measured voltage difference between
two adjacent codes.
Digital Feedthrough: The glitch that appears at the analog
output caused by AC coupling from the digital inputs when
they change state. The area of the glitch is specified in
(nV)(sec).
Full-Scale Error (FSE): The deviation of the actual full-
scale voltage from ideal. FSE includes the effects of offset
and gain errors (see Applications Information).
Integral Nonlinearity (INL): The deviation from a straight
line passing through the endpoints of the DAC transfer
curve (Endpoint INL). Because the output cannot go below
zero, the linearity is measured between full scale and the
lowest code that guarantees the output will be greater than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com