Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1663CMS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1663CMS8
Description  10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1663CMS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1663CMS8 Datasheet HTML 3Page - Linear Technology LTC1663CMS8 Datasheet HTML 4Page - Linear Technology LTC1663CMS8 Datasheet HTML 5Page - Linear Technology LTC1663CMS8 Datasheet HTML 6Page - Linear Technology LTC1663CMS8 Datasheet HTML 7Page - Linear Technology LTC1663CMS8 Datasheet HTML 8Page - Linear Technology LTC1663CMS8 Datasheet HTML 9Page - Linear Technology LTC1663CMS8 Datasheet HTML 10Page - Linear Technology LTC1663CMS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1663
Serial Digital Interface
The LTC1663 communicates with a host (master) using
the standard 2-wire interface. The Timing Diagram shows
the timing relationship of the signals on the bus. The two
bus lines, SDA and SCL, must be high when the bus is not
in use. External pull-up resistors or current sources, such
as the LTC1694 SMBus Accelerator, are required on these
lines.
The LTC1663 is a receive-only (slave) device. The master
can communicate with the LTC1663 using the Quick
Command, Send Byte or Write Word protocols as ex-
plained later.
The START and STOP Conditions
When the bus is not in use, both SCL and SDA must be
high. A bus master signals the beginning of a communica-
tion to a slave device by transmitting a START condition.
A START condition is generated by transitioning SDA
from high to low while SCL is high.
When the master has finished communicating with the
slave, it issues a STOP condition. A STOP condition is
generated by transitioning SDA from low to high while SCL
is high. The bus is then free for communication with
another SMBus device.
Acknowledge
The Acknowledge signal is used for handshaking between
the master and the slave. An Acknowledge (active LOW)
generated by the slave lets the master know that the latest
byte of information was received. The Acknowledge re-
lated clock pulse is generated by the master. The master
releases the SDA line (HIGH) during the Acknowledge
clock pulse. The slave-receiver must pull down the SDA
line during the Acknowledge clock pulse so that it remains
a stable LOW during the HIGH period of this clock pulse.
Write Word Protocol
The master initiates communication with the LTC1663
with a START condition and a 7-bit address followed by the
Write Bit (Wr) = 0. The LTC1663 acknowledges and the
master delivers the command byte. The LTC1663 ac-
knowledges and latches the command byte into the com-
mand byte input register. The master then delivers the
least significant data byte. Again the LTC1663 acknowl-
edges and the data is latched into the least significant data
byte input register. The master then delivers the most
significant data byte. The LTC1663 acknowledges once
more and latches the data into the most significant data
byte input register. Lastly, the master terminates the
communication with a STOP condition. On the reception
of the STOP condition, the LTC1663 transfers the input
register information to output registers and the DAC
output is updated.
Slave Address (MSOP Package Only)
The LTC1663 can respond to one of eight 7-bit addresses.
The first 4 bits (MSBs) have been factory programmed to
0100. The three address bits, AD2, AD1 and AD0 are
programmed by the user and determine the LSBs of the
slave address, as shown in the table below:
AD2
AD1
AD0
0100 xxx
L
L
L
0100 000
L
L
H
0100 001
L
H
L
0100 010
L
H
H
0100 011
H
L
L
0100 100
H
L
H
0100 101
H
H
L
0100 110
H
H
H
0100 111
APPLICATIONS INFORMATION
Write Word Protocol Used by the LTC1663
Command Byte
A
Slave Address
A
Wr
LSData Byte
A
MSData Byte
A
P
S
81
71
18
1
8
1663 TA03
11
1
S = Start Condition, Wr = Write Bit = 0, A = Acknowledge, P = Stop Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com