Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1663IMS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1663IMS8
Description  10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1663IMS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1663IMS8 Datasheet HTML 4Page - Linear Technology LTC1663IMS8 Datasheet HTML 5Page - Linear Technology LTC1663IMS8 Datasheet HTML 6Page - Linear Technology LTC1663IMS8 Datasheet HTML 7Page - Linear Technology LTC1663IMS8 Datasheet HTML 8Page - Linear Technology LTC1663IMS8 Datasheet HTML 9Page - Linear Technology LTC1663IMS8 Datasheet HTML 10Page - Linear Technology LTC1663IMS8 Datasheet HTML 11Page - Linear Technology LTC1663IMS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1663
©LINEAR TECHNOLOGY CORPORATION 1999
1663f LT/TP 0300 4K • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
TYPICAL APPLICATION
Program Up to 8 Control Outputs Per BUS and Place Them Where They Are Needed
+
SCL
AD0
AD1
AD2
LTC1663CMS8
VCC
VOUT
CONTROL
OUTPUT 0
0V
≤ VOUT0 < VCC
0.1
µF
0.1
µF
1
2
5
7
5
8
7
7
5
8
8
5
4
4
1
6
2
3
GND
+
SCL
AD0
AD1
AD2
LTC1663CMS8
VCC
VOUT
CONTROL
OUTPUT 1
0V
≤ VOUT1 < VCC
0.1
µF
GND
+
SCL
AD0
AD1
AD2
LTC1663CMS8
VCC
VOUT
CONTROL
OUTPUT 7
0V
≤ VOUT7 < VCC
0.1
µF
GND
1663 TA06
SMBus 1
LTC1694
SMBus 2
GND
VCC
VCC = 2.7V TO 5.5V
TO OTHER SMBus
DEVICES
+
SCL
SDA
µP
SDA
1
4
6
2
3
SDA
1
4
6
2
3
SDA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1694
SMBus I2C Accelerator
Dual SMBus Accelerator with Active AC and DC Pull-Up Current Sources
LTC1694-1
SMBus I2C Accelerator
Dual SMBus Accelerator with Active AC Pull-Up Current Only
DACs
LTC1659
Single Rail-to-Rail 12-Bit VOUT DAC in
Low Power Multiplying VOUT DAC. Output Swings from
8-Lead MSOP Package. VCC = 2.7V to 5.5V
GND to REF. REF Input Can Be Tied to VCC. 3-Wire Interface.
LTC1660/LTC1664
Octal/Quad 10-Bit VOUT DACs in 16-Pin Narrow SSOP VCC = 2.7V to 5.5V Micropower Rail-to-Rail Output. 3-Wire Interface.
LTC1661
Dual 10-Bit VOUT in 8-Lead MSOP Package
VCC = 2.7V to 5.5V Micropower Rail-to-Rail Output. 3-Wire Interface.
ADCs
LTC1285/LTC1288
8-Pin SO, 3V Micropower ADCs
1- or 2-Channel, Autoshutdown
LTC1286/LTC1298
8-Pin SO, 5V Micropower ADCs
1- or 2-Channel, Autoshutdown
LTC1594/LTC1598
4/8-Channel, 5V Micropower 12-Bit ADCs
Low Power, Small Size, Low Cost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com