Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5-128/192-5VC Datasheet(PDF) 23 Page - Lattice Semiconductor

Part # M5-128/192-5VC
Description  Fifth Generation MACH Architecture
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-128/192-5VC Datasheet(HTML) 23 Page - Lattice Semiconductor

Back Button M5-128/192-5VC Datasheet HTML 19Page - Lattice Semiconductor M5-128/192-5VC Datasheet HTML 20Page - Lattice Semiconductor M5-128/192-5VC Datasheet HTML 21Page - Lattice Semiconductor M5-128/192-5VC Datasheet HTML 22Page - Lattice Semiconductor M5-128/192-5VC Datasheet HTML 23Page - Lattice Semiconductor M5-128/192-5VC Datasheet HTML 24Page - Lattice Semiconductor M5-128/192-5VC Datasheet HTML 25Page - Lattice Semiconductor M5-128/192-5VC Datasheet HTML 26Page - Lattice Semiconductor M5-128/192-5VC Datasheet HTML 27Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
MACH 5 Family
23
M5(LV) TIMING PARAMETERS OVER OPERATING RANGES1
-5
-6
-7
-10
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Combinatorial Delay:
tPDi
Internal combinatorial propagation
delay
3.5
4.5
5.5
8.0
10.0
13.0
18.0
ns
tPD
Combinatorial propagation delay
5.5
6.5
7.5
10.0
12.0
15.0
20.0
ns
Registered Delays:
tSS
Synchronous clock setup time
3.0
3.0
4.0
5.0
6.0
8.0
10.0
ns
tSA
Asynchronous clock setup time
3.0
3.0
4.0
5.0
6.0
7.0
8.0
ns
tHS
Synchronous clock hold time
0.0
0.0
0.0
0.0
0.0
0.0
0.0
ns
tHA
Asynchronous clock hold time
3.0
3.0
4.0
5.0
6.0
7.0
8.0
ns
tCOSi
Synchronous clock to internal output
2.5
3.0
4.0
5.0
6.0
8.0
10.0
ns
tCOS
Synchronous clock to output
4.5
5.0
6.0
7.0
8.0
10.0
12.0
ns
tCOAi
Asynchronous clock to internal output
6.0
6.0
8.0
10.0
13.0
15.0
18.0
ns
tCOA
Asynchronous clock to output
8.0
8.0
10.0
12.0
15.0
17.0
20.0
ns
Latched Delays:
tSAL
Latch setup time
3.0
4.0
4.0
5.0
6.0
7.0
8.0
ns
tHAL
Latch hold time
3.0
3.0
4.0
5.0
6.0
7.0
8.0
ns
tPDLi
Transparent latch internal
6.0
7.0
7.0
8.0
9.0
10.0
10.0
ns
tPDL
Propagation delay through transparent
latch
8.0
9.0
9.0
10.0
11.0
12.0
12.0
ns
tGOAi
Gate to internal output
7.0
8.0
8.0
9.0
10.0
11.0
12.0
ns
tGOA
Gate to output
9.0
10.0
10.0
11.0
12.0
13.0
14.0
ns
Input Register Delays:
tSIRS
Input register setup time using a
synchronous clock
2.0
2.0
2.0
3.0
3.0
3.0
3.0
ns
tSIRA
Input register setup time using an
asynchronous clock
0.0
0.0
0.0
0.0
0.0
0.0
0.0
ns
tHIRS
Input register hold time using a
synchronous clock
3.0
3.0
3.0
4.0
4.0
4.0
4.0
ns
tHIRA
Input register hold time using an
asynchronous clock
6.0
6.0
6.0
7.0
7.0
7.0
7.0
ns
Input Latch Delays:
tSIL
Input latch setup time
2.0
2.0
2.0
3.0
3.0
3.0
3.0
ns
tHIL
Input latch hold time
6.0
6.0
6.0
7.0
7.0
7.0
7.0
ns
tPDILi
Transparent input latch
5.0
5.0
5.5
6.0
6.0
6.0
6.0
ns
Output Delays:
tBUF
Output buffer delay
2.0
2.0
2.0
2.0
2.0
2.0
2.0
ns
tSLW
Slow slew rate delay
2.5
2.5
2.5
2.5
2.5
2.5
2.5
ns
tEA
Output enable time
7.5
7.5
9.5
10.0
12.0
15.0
20.0
ns
tER
Output disable time
7.5
7.5
9.5
10.0
12.0
15.0
20.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com