Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1682CMS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1682CMS8
Description  Doubler Charge Pumps with Low Noise Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1682CMS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1682CMS8 Datasheet HTML 1Page - Linear Technology LTC1682CMS8 Datasheet HTML 2Page - Linear Technology LTC1682CMS8 Datasheet HTML 3Page - Linear Technology LTC1682CMS8 Datasheet HTML 4Page - Linear Technology LTC1682CMS8 Datasheet HTML 5Page - Linear Technology LTC1682CMS8 Datasheet HTML 6Page - Linear Technology LTC1682CMS8 Datasheet HTML 7Page - Linear Technology LTC1682CMS8 Datasheet HTML 8Page - Linear Technology LTC1682CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1682/LTC1682-3.3/LTC1682-5
Oscillator Frequency vs
Temperature
Operating Current vs VIN
(No Load)
VOUT Transient Response
VOUT
200
µV/DIV
100
µs/DIV
1682 G04
CCPO = COUT = 4.7µFVOUT = 5V
IOUT = 10mA
TA = 25°C
VIN = 3V
CFILT = 1nF
LTC1682-5 Output Noise
(BW = 10Hz to 2.5MHz)
Shutdown to Enable Timing
Min and Max VCPO vs VIN
CPO Output Resistance vs VIN
Enable to Shutdown Timing
TYPICAL PERFOR A CE CHARACTERISTICS
VIN (V)
1.5
35
30
25
20
15
10
5
2.0
2.5
3.0
3.5
1682 G01
4.0
4.5
TA = 25°C
C1 = 0.22
µF
IOUT = 10mA
VIN (V)
1.5
9
8
7
6
5
4
3
2.0
2.5
3.0
3.5
1682 G02
4.0
4.5
VCPO = 2(VIN)
(A)
(A) THE MAXIMUM GENERATED NO LOAD
CPO VOLTAGE
(B) THE MINIMUM ALLOWABLE CPO VOLTAGE,
AT FULL LOAD, TO ENSURE THAT THE LDO
IS NOT DISABLED
(B)
VCPO = 1.45(VIN)
TA = 25°C
TIME (
µs)
050
100
200
150
250
300
1682 G02
10
5
0
–5
–10
15
10
5
0
TA = 25°C
VIN = 3V
VOUT = 4V
COUT = 10µF
200
µs/DIV
2
0
4
3
2
1
0
1682 G05
TA = 25°C
VIN = 3V
VOUT = 4V
IOUT = 10mA
CCPO = COUT = 10µF
1ms/DIV
2
0
4
3
2
1
0
1682 G06
NO LOAD
TA = 25°C
VIN = 3V
VOUT = 4V
COUT = 10µF
TEMPERATURE (
°C)
–50
565
560
555
550
545
540
535
530
25
75
1682 G07
–25
0
50
100
125
VIN = 3V
VIN (V)
220
200
180
160
140
120
100
80
60
1682 G08
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TA = 25°C
LTC1682-3.3
LTC1682-5
LTC1682



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com