Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1686CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1686CS8
Description  52Mbps Precision Delay RS485 Fail-Safe Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1686CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1686CS8 Datasheet HTML 1Page - Linear Technology LTC1686CS8 Datasheet HTML 2Page - Linear Technology LTC1686CS8 Datasheet HTML 3Page - Linear Technology LTC1686CS8 Datasheet HTML 4Page - Linear Technology LTC1686CS8 Datasheet HTML 5Page - Linear Technology LTC1686CS8 Datasheet HTML 6Page - Linear Technology LTC1686CS8 Datasheet HTML 7Page - Linear Technology LTC1686CS8 Datasheet HTML 8Page - Linear Technology LTC1686CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1686/LTC1687
52Mbps Precision Delay
RS485 Fail-Safe Transceivers
DESCRIPTION
s
Precision Propagation Delay Over Temperature:
Receiver/Driver: 18.5ns
±3.5ns
s
High Data Rate:
52Mbps
s
Low tPLH/tPHL Skew:
Receiver/Driver: 500ps Typ
s
–7V to 12V RS485 Input Common Mode Range
s
Guaranteed Fail-Safe Operation Over the Entire
Common Mode Range
s
High Input Resistance:
≥22k, Even When Unpowered
s
Short-Circuit Protected
s
Thermal Shutdown Protected
s
Driver Maintains High Impedance in Three-State or
with Power Off
s
Single 5V Supply
s
Pin Compatible with LTC490/LTC491
s
45dB CMRR at 26MHz
FEATURES
The LTC
®1686/LTC1687 are high speed, precision delay,
full-duplex RS485 transceivers that can operate at data
rates as high as 52Mbps. The devices also meet the
requirements of RS422.
A unique architecture provides very stable propagation
delays and low skew over a wide common mode and
ambient temperature range.
The driver and receiver feature three-state outputs, with
disabled driver outputs maintaining high impedance over
the entire common mode range. A short-circuit feature
detects shorted outputs and substantially reduces driver
output current. A similar feature also protects the receiver
output from short circuits. Thermal shutdown circuitry
protects from excessive power dissipation.
The receiver has a fail-safe feature that guarantees a high
output state when the inputs are shorted or are left floating.
The LTC1686/LTC1687 RS485 transceivers guarantee
receiver fail-safe operation over the
entire common mode
range (– 7V to 12V). Receiver input resistance remains
≥22k when the device is unpowered or disabled.
The LTC1686/LTC1687 operate from a single 5V supply
and draw only 7mA of supply current.
APPLICATIONS
s
High Speed RS485/RS422 Full Duplex Transceivers
s
Level Translator
s
Backplane Transceiver
s
STS-1/OC-1 Data Transceiver
s
Signal Repeaters
, LTC and LT are registered trademarks of Linear Technology Corporation.
10Mbps Data Pulse
400 Feet Category 5 UTP
1686/87 TA02
DRIVER INPUT
RECEIVER
INPUT
RECEIVER
OUTPUT
100ns/DIV
1V/DIV
2V/DIV
5V/DIV
CABLE DELAY
LTC1686/87 • TA01
100
Ω
100
Ω
100
Ω
100
Ω
LTC1686
LTC1686
R
D
R
D
3
2
7
8
6
5
400 FT OF CATEGORY 5 UTP
RECEIVER
DRIVER
RECEIVER
DRIVER
TYPICAL APPLICATION


Similar Part No. - LTC1686CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1686 LINER-LTC1686 Datasheet
190Kb / 12P
52Mbps Precision Delay RS485 Fail-Safe Transceivers
LTC1686 LINER-LTC1686_15 Datasheet
190Kb / 12P
52Mbps Precision Delay RS485 Fail-Safe Transceivers
More results

Similar Description - LTC1686CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1518 LINER-LTC1518 Datasheet
170Kb / 12P
52Mbps Precision Delay RS485 Quad Line Receivers
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1518 LINER-LTC1518_1 Datasheet
184Kb / 12P
52Mbps Precision Delay RS485 Quad Line Receivers
LTC1685IS8 LINER-LTC1685IS8 Datasheet
173Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1518 LINER-LTC1518_15 Datasheet
190Kb / 12P
52Mbps Precision Delay RS485 Quad Line Receivers
LTC1519 LINER-LTC1519_15 Datasheet
190Kb / 12P
52Mbps Precision Delay RS485 Quad Line Receivers
LTC1686 LINER-LTC1686_15 Datasheet
190Kb / 12P
52Mbps Precision Delay RS485 Fail-Safe Transceivers
LTC1687 LINER-LTC1687_15 Datasheet
190Kb / 12P
52Mbps Precision Delay RS485 Fail-Safe Transceivers
logo
Unisonic Technologies
UTRS485 UTC-UTRS485 Datasheet
236Kb / 8P
FAIL-SAFE, 2.5MBPS RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com